Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRG011 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 2 Page - STMicroelectronics

  STNRG011 Datasheet HTML 1Page - STMicroelectronics STNRG011 Datasheet HTML 2Page - STMicroelectronics STNRG011 Datasheet HTML 3Page - STMicroelectronics STNRG011 Datasheet HTML 4Page - STMicroelectronics STNRG011 Datasheet HTML 5Page - STMicroelectronics STNRG011 Datasheet HTML 6Page - STMicroelectronics STNRG011 Datasheet HTML 7Page - STMicroelectronics STNRG011 Datasheet HTML 8Page - STMicroelectronics STNRG011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
Description
The STNRG011 embodies a multi-mode (transition-mode and DCM) PFC controller, a high- voltage double-ended
controller for the LLC resonant half-bridge, an 800 V-rated startup generator and a sophisticated digital engine,
that manage optimal operation of three blocks.
The device comes in a 20-pin SO package and offers an advanced solution for power- factor-corrected high-
efficiency converters supposed to comply with the most stringent energy saving regulations.
The power system and the control algorithms are managed by an 8-bit core with dedicated fast peripherals
(SMED). Optimized digital algorithms together with HW analog IPs are implemented to guarantee a very high
performance, BOM optimization and robustness.
The digital algorithms are stored into an internal ROM memory and all key application parameters can be stored
into a device's NVM (non-volatile memory) memory during the production phase allowing wide configurability and
calibration.
The device can also externally communicate through a 2-pin UART, allowing the monitoring function, the black
box storing into an external E2PROM and the software patch upload from the external E2PROM.
STNRG011
Description
DS12075 - Rev 4
page 2/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com