Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6801-00B Datasheet(PDF) 5 Page - u-blox AG

Part # LARA-R6801-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6801-00B Datasheet(HTML) 5 Page - u-blox AG

  LARA-R6801-00B Datasheet HTML 1Page - u-blox AG LARA-R6801-00B Datasheet HTML 2Page - u-blox AG LARA-R6801-00B Datasheet HTML 3Page - u-blox AG LARA-R6801-00B Datasheet HTML 4Page - u-blox AG LARA-R6801-00B Datasheet HTML 5Page - u-blox AG LARA-R6801-00B Datasheet HTML 6Page - u-blox AG LARA-R6801-00B Datasheet HTML 7Page - u-blox AG LARA-R6801-00B Datasheet HTML 8Page - u-blox AG LARA-R6801-00B Datasheet HTML 9Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Functional description
Page 5 of 41
C1-Public
1 Functional description
1.1 Overview
The LARA-R6 series comprises multi-band and multi-mode modules supporting LTE Cat 1 FDD and
LTE Cat 1 TDD radio access technology, with 3G UMTS/HSPA and 2G GSM/GPRS/EGPRS fallback,
providing the ideal solution for global and multi-regional coverage in the small LARA LGA form-factor
(26.0 x 24.0 mm, 100-pin), which is easy to integrate in compact designs.
With five variants, consisting of the LARA-R6001 (data and voice) and LARA-R6001D (data-only)
solutions with global coverage, the LARA-R6801 data and voice solution for multi-regional operations,
and the LARA-R6401 (data and voice) and the LARA-R6401D (data-only) solutions designed mainly
for North America, customers have great flexibility, can maximize reusing their development efforts,
and can simplify logistics. Customers can take advantage of embedded IoT protocols (LwM2M,
MQTT) and security features (TLS/DTLS, secure update/secure boot) to implement various
applications, such as device management, remote device actions, and secure FOTA updates.
Versatile interfaces, features, multi-band and multi-mode capabilities make the LARA-R6 series
modules ideally suitable for a wide range of applications, such as asset tracking, telematics, remote
monitoring, alarm panels, video surveillance, connected health, point of sales terminals, and mobile
cameras. Generally, the modules are suited to applications that require medium speed data, seamless
connectivity, superior coverage, low latency, streaming services (data or voice), and to industrial
applications focused on product life-cycle longevity.
1.2 Product features
Model
Region
Radio Access Technology
GNSS
u-blox
services
Interfaces
Features
Grade
LARA-R6001
Global 1
1,2,3,4,5,7,8
12,13,18,19
20,26,28
38,39
40,41
1,2
5,8
Quad
● ● ● ● ●
2 1 1 9 ● ● ● ● ● ● ● ● ● ○ ● ● ● ●
● ●
●
LARA-R6001D Global 1
1,2,3,4,5,7,8
12,13,18,19
20,26,28
38,39
40,41
1,2
5,8
Quad
● ● ● ● ●
2 1 1 9
● ● ● ● ● ● ● ● ○ ● ● ● ●
●
●
LARA-R6401
North
America
1
2,4,5
12,13,14
66,71
● ● ● ● ●
2 1 1 9 ● ● ● ● ● ● ● ● ● ○ ● ● ● ● ● ● ●
●
LARA-R6401D
North
America
1
2,4,5
12,13,14
66,71
● ● ● ● ●
2 1 1 9
● ● ● ● ● ● ● ● ○ ● ● ● ● ● ●
●
LARA-R6801
Multi-
Region
1
1,2,3,4,5,7,8
18,19
20,26,28
1,2
5,8
Quad
● ● ● ● ●
2 1 1 9 ● ● ● ● ● ● ● ● ● ○ ● ● ● ●
● ●
●
●
= supported by initial and future product FW versions
○
= support planned for future product FW versions
Table 1: LARA-R6 series main features summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com