Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6801-00B Datasheet(PDF) 27 Page - u-blox AG

Part # LARA-R6801-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6801-00B Datasheet(HTML) 27 Page - u-blox AG

Back Button LARA-R6801-00B Datasheet HTML 23Page - u-blox AG LARA-R6801-00B Datasheet HTML 24Page - u-blox AG LARA-R6801-00B Datasheet HTML 25Page - u-blox AG LARA-R6801-00B Datasheet HTML 26Page - u-blox AG LARA-R6801-00B Datasheet HTML 27Page - u-blox AG LARA-R6801-00B Datasheet HTML 28Page - u-blox AG LARA-R6801-00B Datasheet HTML 29Page - u-blox AG LARA-R6801-00B Datasheet HTML 30Page - u-blox AG LARA-R6801-00B Datasheet HTML 31Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 27 of 41
C1-Public
4.2.7 2G RF characteristics
The 2G bands supported by LARA-R6 series modules are defined in Table 3, while Table 19 describes
Transmitting and Receiving frequencies for each 2G band according to 3GPP TS 51.010-1 [12].
Parameter
Min
Max
Unit
Remarks
Frequency range
GSM 850
Uplink
824
849
MHz
Module transmits
Downlink
869
894
MHz
Module receives
Frequency range
E-GSM 900
Uplink
880
915
MHz
Module transmits
Downlink
925
960
MHz
Module receives
Frequency range
DCS 1800
Uplink
1710
1785
MHz
Module transmits
Downlink
1805
1880
MHz
Module receives
Frequency range
PCS 1900
Uplink
1850
1910
MHz
Module transmits
Downlink
1930
1990
MHz
Module receives
Table 19: 2G operating RF frequency bands
LARA-R6 series modules include a GMSK Power Class 4 transmitter for 850 / 900 MHz bands, GMSK
Power Class 1 transmitter for 1800 / 1900 MHz bands, 8-PSK Power Class E2 transmitter for all 2G
bands (see Table 3), with output power and characteristics according to 3GPP TS 51.010-1 [12].
LARA-R6 series modules 2G receiver characteristics are compliant to 3GPP TS 51.010-1 [12], with
conducted receiver sensitivity performance described in Table 20.
Parameter
Min.
Typical
Max.
Unit
Remarks
Receiver input sensitivity
E-GSM 850
–110
dBm
Downlink RF level @ BER Class II < 2.4%
Receiver input sensitivity
E-GSM 900
–110
dBm
Downlink RF level @ BER Class II < 2.4%
Receiver input sensitivity
E-GSM 1800
–109
dBm
Downlink RF level @ BER Class II < 2.4%
Receiver input sensitivity
DCS 1900
–109
dBm
Downlink RF level @ BER Class II < 2.4%
Condition: 50 , other settings as per clause 14.2.1 of 3GPP TS 51.010-1 [12]
Table 20: 2G receiver sensitivity performance
4.2.8 ANT_DET pin
Parameter
Min.
Typ.
Max.
Unit
Remarks
Output DC current pulse value
35
µ
A
Generated by means of the +UANTR AT command
Output DC current pulse time length
1160
µ
s
Generated by means of the +UANTR AT command
Table 21: ANT_DET pin characteristics
4.2.9 PWR_ON pin
Parameter
Min.
Typical
Max.
Unit
Remarks
Internal supply for
PWR_ON Input Signal
1.8
V
The PWR_ON input is pulled up to an internal voltage rail
minus a diode drop: the voltage value present at PWR_ON
input pin is normally 0.8 V typical.
Low-level input
-0.30
0.35
V
Pull-up resistance
150
200
250
k
Internal active pull-up
Input leakage current
-0.20
0.20
µ
A
PWR_ON low time
0.15
3.20
s
Low time to trigger module switch on from power off mode
1.50
s
Low time to trigger module graceful switch off
Table 22: PWR_ON pin characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com