Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6801-00B Datasheet(PDF) 8 Page - u-blox AG

Part # LARA-R6801-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6801-00B Datasheet(HTML) 8 Page - u-blox AG

Back Button LARA-R6801-00B Datasheet HTML 4Page - u-blox AG LARA-R6801-00B Datasheet HTML 5Page - u-blox AG LARA-R6801-00B Datasheet HTML 6Page - u-blox AG LARA-R6801-00B Datasheet HTML 7Page - u-blox AG LARA-R6801-00B Datasheet HTML 8Page - u-blox AG LARA-R6801-00B Datasheet HTML 9Page - u-blox AG LARA-R6801-00B Datasheet HTML 10Page - u-blox AG LARA-R6801-00B Datasheet HTML 11Page - u-blox AG LARA-R6801-00B Datasheet HTML 12Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Functional description
Page 8 of 41
C1-Public
1.5 AT command support
The LARA-R6 series modules support AT commands according to 3GPP standards TS 27.007 [7],
TS 27.005 [8] and the u-blox AT command extension.
☞ For a complete list of supported AT commands, see the AT commands manual [1].
RIL (Radio Interface Layer) software for Android is available free of charge; see the Android RIL source
code application note [3] for the supported software deliveries and more information.
1.6 Supported features
Table 4 lists some of the main features supported by LARA-R6 series modules. For more details, see
the AT commands manual [1] and the application development guide [5].
Feature
Description
Device security
An immutable chip ID and Root of Trust (RoT) embedded in a dedicated Common Criteria EAL5+
high certified secure element provide foundational security and a unique device identity.
Device security features include:
• Secure boot: software authenticity and integrity
• Secure update: secure delivery of the correct FW to the module
• Anticloning detection and rejection: system automatically identifies and blocks clones that use
the same RoT
Data security
Secure libraries allow generation of crypto functions and keys for local encryption to secure local
file storage and for end-to-end encryption.
Data security features include:
• Local data protection: symmetric crypto functions via AT command to locally encrypt / decrypt
and authenticate data (e.g., certificates, tokens) on the device. Allows also secure local storage
of sensitive information in a non-secure location (e.g., in “standard” device memory)
• E2E symmetric KMS: highly scalable method to provision and manage a session unique PSK
available in cloud via REST API. Up to 8 times reduction in secure communication data overhead
reducing data power consumption and cost
• E2E data protection: encrypt data on a device and decrypt asynchronously in cloud independent
of protocols, servers, platforms, or time before reaching final destination
u-blox Firmware update
Over The Air (uFOTA)
u-blox firmware module update over the air interface client/server solution using LwM2M.
Firmware update Over AT
commands (FOAT)
Firmware module update over AT command interfaces.
VoLTE and CSFB audio
capability 3
Voice over LTE (VoLTE) feature allows voice service over LTE bearer, via embedded IP Multimedia
Subsystem (IMS).
Circuit Switched Fall-Back (CSFB) feature allows voice service over circuit switched infrastructure
(3G or 2G radio access technologies, which are not supported by LARA-R6401 modules).
LTE / 3G Rx Diversity
Improved cellular link quality and reliability on all operating bands, by means of 2 receiving antenna.
Network indication
GPIO configured to indicate the network status: registered home network, registered roaming,
voice or data call enabled, or no service. The feature can be enabled by the +UGPIOC AT command.
Antenna detection
The ANT_DET pin provides antenna presence detection capability, as optional features, evaluating
the resistance from ANT1 and ANT2 pins to GND by means of an external antenna detection
circuit implemented on the application board.
Antenna dynamic tuning 4 Control of an external antenna matching IC via two GPIOs changing dynamically the high/low state
in real time according to the cellular band used by the module.
Jamming detection
Detects “artificial” interference that obscures the operator’s carriers entitled to give access to the
radio service and reports the start and stop of such conditions to the application processor that
can react accordingly.
3 Not supported by LARA-R6001D and LARA-R6401D module product versions
4 Not supported by LARA-R6001, LARA-R6001D and LARA-R6801 module product versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com