Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6801-00B Datasheet(PDF) 10 Page - u-blox AG

Part # LARA-R6801-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6801-00B Datasheet(HTML) 10 Page - u-blox AG

Back Button LARA-R6801-00B Datasheet HTML 6Page - u-blox AG LARA-R6801-00B Datasheet HTML 7Page - u-blox AG LARA-R6801-00B Datasheet HTML 8Page - u-blox AG LARA-R6801-00B Datasheet HTML 9Page - u-blox AG LARA-R6801-00B Datasheet HTML 10Page - u-blox AG LARA-R6801-00B Datasheet HTML 11Page - u-blox AG LARA-R6801-00B Datasheet HTML 12Page - u-blox AG LARA-R6801-00B Datasheet HTML 13Page - u-blox AG LARA-R6801-00B Datasheet HTML 14Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Functional description
Page 10 of 41
C1-Public
Feature
Description
Smart Temperature
Supervisor
Constant monitoring of the module board temperature:
• Warning notification when the temperature approaches an upper or lower predefined threshold
• Shutdown notified and forced when the temperature value is outside the specified range
(shutdown suspended in case of an emergency call in progress)
The optional Smart Temperature Supervisor feature is by default disabled, and it can be enabled
and configured through the +USTS AT command.
☞ The sensor measures the board temperature, which can differ from ambient temperature.
Last gasp
In case of power supply outage the cellular module can be configured through the +ULGASP AT
command to send an alarm notification to a remote entity.
Low power idle mode
The power saving configuration is disabled by default, but it can be enabled and configured using
the +UPSV AT command. When the power saving is enabled, the module automatically enters the
low power idle mode whenever possible, reducing current consumption.
Fast Dormancy
The Fast Dormancy feature, based on 3GPP specifications, allows reduction of current
consumption and network utilization during periods of data inactivity.
3GPP Power Saving Mode
(PSM)5
The Power Saving Mode (PSM) feature, based on 3GPP specifications, allows further reduction of
the module current consumption maximizing the amount of time a device can remain in PSM low
power deep-sleep mode during periods of data inactivity.
LTE eDRX
Extended idle mode Discontinuous Reception (eDRX) feature, based on 3GPP specifications,
reduces the amount of signaling overhead decreasing the frequency of scheduled measurements
and/or transmissions performed by the module in idle mode. This in turn leads to a reduction in the
module power consumption while maintaining a perpetual connection with the base station.
Backup and restore
This feature allows the modules to autonomously restore the flash file system using the last
backup stored on the module itself. For further details about the backup and restore feature, see
the +UBKUPDATA AT command description in the AT commands manual [1], and the related
section in the application development guide [5].
Table 4: Some of the main features supported by LARA-R6 series modules
5 Supported in future firmware version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com