Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6801-00B Datasheet(PDF) 11 Page - u-blox AG

Part # LARA-R6801-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6801-00B Datasheet(HTML) 11 Page - u-blox AG

Back Button LARA-R6801-00B Datasheet HTML 7Page - u-blox AG LARA-R6801-00B Datasheet HTML 8Page - u-blox AG LARA-R6801-00B Datasheet HTML 9Page - u-blox AG LARA-R6801-00B Datasheet HTML 10Page - u-blox AG LARA-R6801-00B Datasheet HTML 11Page - u-blox AG LARA-R6801-00B Datasheet HTML 12Page - u-blox AG LARA-R6801-00B Datasheet HTML 13Page - u-blox AG LARA-R6801-00B Datasheet HTML 14Page - u-blox AG LARA-R6801-00B Datasheet HTML 15Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Interfaces
Page 11 of 41
C1-Public
2 Interfaces
2.1 Power management
2.1.1 Module supply input (VCC)
LARA-R6 series modules must be supplied through the three VCC pins by a DC power supply. Voltage
must be stable, because during operation the current drawn from VCC can vary by some order of
magnitude, especially due to the surging consumption profile of the GSM system (described in the
system integration manual [2]). It is important that the system power supply circuit can support peak
power.
LARA-R6 series modules provide separate supply inputs over the three VCC pins:
•
VCC pins #52 and #53 represent the supply input for the internal RF power amplifiers, demanding
most of the total current drawn by the module when RF transmission is enabled
•
VCC pin #51 represents the supply input for the internal baseband Power Management Unit and
the internal transceiver, demanding a minor part of the total current drawn by the module when
RF transmission is enabled
2.1.2 Generic digital interfaces supply output (V_INT)
LARA-R6 series modules provide a 1.8 V supply rail output on the V_INT pin, which is internally
generated when the module is switched on. The same voltage domain is used internally to supply the
generic digital interfaces of the modules (as the UARTs, I2C, I2S, GPIOs). The V_INT supply output
can be used in place of an external discrete regulator.
☞ It is recommended to provide accessible test point directly connected to the V_INT input pin.
2.2 Antenna interfaces
2.2.1 Antenna RF interfaces
The modules have two RF pins with a characteristic impedance of 50 . The primary antenna pin
(ANT1) supports both Tx and Rx, providing the main antenna interface, while the secondary antenna
pin (ANT2) supports Rx only for the LTE / 3G Rx diversity configuration.
2.2.2 Antenna detection
The ANT_DET pin is an Analog to Digital Converter (ADC) input with a current source provided by
LARA-R6 series modules to sense the external antenna(s) presence (as an optional feature). It
evaluates the resistance from ANT1 and ANT2 pins to GND by means of an external antenna
detection circuit implemented on the application board. For more details, see the system integration
manual [2] and the AT commands manual [1].
2.3 System functions
2.3.1 Module power-on
When LARA-R6 series modules are not powered, they can be switched on as following:
•
Applying a voltage at the VCC module supply input within the operating range (see Table 12), and
then forcing a low level at the PWR_ON input pin, which is normally set high by an internal pull-up,
for a valid time period (see section 4.2.9, module switch on).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com