Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6801-00B Datasheet(PDF) 35 Page - u-blox AG

Part # LARA-R6801-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6801-00B Datasheet(HTML) 35 Page - u-blox AG

Back Button LARA-R6801-00B Datasheet HTML 31Page - u-blox AG LARA-R6801-00B Datasheet HTML 32Page - u-blox AG LARA-R6801-00B Datasheet HTML 33Page - u-blox AG LARA-R6801-00B Datasheet HTML 34Page - u-blox AG LARA-R6801-00B Datasheet HTML 35Page - u-blox AG LARA-R6801-00B Datasheet HTML 36Page - u-blox AG LARA-R6801-00B Datasheet HTML 37Page - u-blox AG LARA-R6801-00B Datasheet HTML 38Page - u-blox AG LARA-R6801-00B Datasheet HTML 39Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Product handling & soldering
Page 35 of 41
C1-Public
Parameter
Typical value
Tolerance
Unit
A0
24.9
0.2
mm
B0
26.8
0.2
mm
K0
3.5
0.2
mm
Table 36: LARA-R6 series modules tape dimensions
☞ 10 sprocket hole pitch cumulative tolerance ± 0.2 mm.
☞ Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole.
☞ A0 and B0 are measured on a plane at a distance “R” above the bottom of the pocket.
7.2 Moisture sensitivity levels
⚠ LARA-R6 series modules are Moisture Sensitive Devices (MSD) in accordance to the IPC/JEDEC
specification.
The Moisture Sensitivity Level (MSL) relates to the packaging and handling precautions required.
LARA-R6 series modules are rated at MSL level 4. For more information regarding moisture sensitivity
levels, labeling, storage and drying see the u-blox package information user guide [4].
☞ For the MSL standard, see IPC/JEDEC J-STD-020 (can be downloaded from www.jedec.org).
7.3 Reflow soldering
Reflow profiles are to be selected according to u-blox recommendations (see the system integration
manual [2]).
⚠ Failure to observe these recommendations can result in severe damage to the device!
7.4 ESD precautions
⚠ LARA-R6 series modules contain highly sensitive electronic circuitry and are Electrostatic
Sensitive Devices (ESD). Handling LARA-R6 series modules without proper ESD protection may
destroy or damage them permanently.
LARA-R6 series modules are Electrostatic Sensitive Devices (ESD) and require special ESD
precautions typically applied to ESD sensitive components.
Table 9 details the maximum ESD ratings of the LARA-R6 series modules.
Proper ESD handling and packaging procedures must be applied throughout the processing, handling
and operation of any application that incorporates the LARA-R6 series module.
ESD precautions should be implemented on the application board where the module is mounted, as
described in the system integration manual [2].
⚠ Failure to observe these recommendations can result in severe damage to the device!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com