Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 3 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 3 Page - ATGBICS by Approved Technology

  AFBR-79EQPZ-R1-C Datasheet HTML 1Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 2Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 3Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 4Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 5Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 6Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 3 of 15
Product Datasheet
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note
Data Rate per Channel
-
10.3125
11.2
Gbps
Power Consumption
-
2.5
3.5
W
Supply Current
Icc
0.75
1.0
A
Control I/O Voltage-High
VIH
2.0
Vcc
V
Control I/O Voltage-Low
VIL
0
0.7
V
Inter-Channel Skew
TSK
150
Ps
RESETL Duration
10
Us
RESETL De-assert time
100
ms
Power On Time
100
ms
Transmitter
Single Ended Output Voltage
Tolerance
0.3
4
V
1
Common
mode
Voltage
Tolerance
15
mV
Transmit Input Diff Voltage
VI
120
1200
mV
Transmit
Input
Diff
Impedance
ZIN
80
100
120
Data Dependent Input Jitter
DDJ
0.1
UI
Data Input Total Jitter
TJ
0.28
UI
Receiver
Single Ended Output Voltage
Tolerance
0.3
4
V
Rx Output Diff Voltage
Vo
600
800
mV
Rx Output Rise and Fall
Voltage
Tr/Tf
35
ps
1
Total Jitter
TJ
0.7
UI
Deterministic Jitter
DJ
0.42
UI
Note:
1. 20 – 80 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com