Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 13 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 13 Page - ATGBICS by Approved Technology

Back Button AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 10Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 11Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 12Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 13Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 14Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 15Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 13 of
15
Product Datasheet
Optical Interface Lanes and Assignment
Below figure shows the orientation of the multi-mode fiber facets of the optical connector
Outside View of the QSFP Module MPO
Fiber No.
Lane Assignment
1
RX0
2
RX1
3
RX2
4
RX3
5
Not Used
6
Not Used
Lane Assignment Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com