Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 7 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 7 Page - ATGBICS by Approved Technology

Back Button AFBR-79EQPZ-R1-C Datasheet HTML 3Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 4Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 5Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 6Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 10Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 11Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 7 of 15
Product Datasheet
Serial ID: Data Fields
Address Size (Bytes) Name
Description of Base ID Field
Base_ID Fields
128
1
Identifier
Identifier Type of serial transceiver
129
1
Ext. Identifier
Extended identifier of serial transceiver
130
1
Connector
Code for connector type
131-138
8
Transceiver
Code for electronic compatibility or optical compatibility
139
1
Encoding
Code for serial encoding algorithm
140
1
BR, nominal
Nominal bit rate, units of 100 MBits/s.
141
1
Extended
RateSelect
Compliance
Tags for Extended RateSelect compliance
142
1
Length(SMF)
Link length supported for SMF fiber in km
143
1
Length (E-
50µm)
Link length supported for EBW 50/125 µm fiber, units of 2
m
144
1
Length (50 µm) Link length supported for 50/125 µm fiber, units of 1 m
145
1
Length (62.5
µm)
Link length supported for 62.5/125 µm fiber, units of 1 m
146
1
Length Copper
)
Link length supported for copper, units of 1m
147
1
Device Tech
Device technology
148-163
16
Vendor name
ATGBICS
164
1
Extended
Transceiver
Extended Transceiver Codes for InfiniBand
165-167
3
Vendor OUI
QSFP vendor IEEE company ID
168-183
16
Vendor PN
AFBR-79EQPZ-R1-C
184-185
2
Vendor rev
Revision level for part number provided by vendor (ASCII)
186-187
2
Wavelength
Nominal laser wavelength (Wavelength = value / 20 in nm)
188-189
2
Wavelength
Tolerance
Guaranteed range of laser wavelength (+/- value) from
Nominal wavelength.(Wavelength Tol. = value/200 in nm)
190
1
Max Case Temp Maximum Case Temperature in Degrees C.
191
1
CC_BASE
Check code for Base ID Fields (addresses 128-190)
Extended ID Fields
192-195
4
Options
Rate Select, TX Disable, TX Fault, LOS
196-211
16
Vendor SN
Serial number provided by vendor (ASCII)
212-219
8
Date code
Vendor's manufacturing date code
220
1
Diagnostic
Monitoring Type
Indicates which type of diagnostic monitoring is
implemented (if any) in the transceiver. Bit 1, 0 Reserved
221
1
Enhanced
Options
Indicates which optional enhanced features are
implemented in
the transceiver.
222
1
Reserved
Reserved
223
1
CC_EXT
Check code for the Extended ID Fields (addresses 192-
222)
Vendor Specific ID Fields
224-255
32
Vendor Specific Vendor Specific EEPROM
The detail description of low memory and page00.page03 upper memory please see SFF-8436
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com