Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 2 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 2 Page - ATGBICS by Approved Technology

  AFBR-79EQPZ-R1-C Datasheet HTML 1Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 2Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 3Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 4Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 5Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 6Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 2 of 15
Product Datasheet
The module operates from a single +3.3V power supply and LVCMOS/LVTTL global control signals such as
Module Present, Reset, Interrupt and Low Power Mode are available with the modules. A 2-wire serial
interface is available to send and receive more complex control signals and to obtain digital diagnostic
information. Individual channels can be addressed, and unused channels can be shut down for maximum
design flexibility.
The AFBR-79EQPZ-R1-C is designed with form factor, optical/electrical connection and digital diagnostic
interface according to the QSFP Multi-Source Agreement (MSA). It has been designed to meet the harshest
external operating conditions including temperature, humidity and EMI interference. The module offers very
high functionality and feature integration, accessible via a two-wire serial interface.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Storage Temperature
TS
-40
+85
°C
Supply Voltage
VCCT, R
-0.5
4
V
Relative Humidity
RH
0
85
%
Recommended Operating Environment
Parameter
Symbol
Min.
Typical
Max.
Unit
Case operating Temperature
TC
0
+70
°C
Supply Voltage
VCCT, R
+3.13
3.3
+3.47
V
Supply Current
ICC
1000
mA
Power Dissipation
PD
3.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com