Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  AFBR-79EQPZ-R1-C Datasheet HTML 1Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 2Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 3Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 4Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 5Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 6Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 1 of 15
Product Datasheet
AFBR-79EQPZ-R1-C
Avago Broadcom® Compatible 40Gb/s QSFP SR4 QSFP
Transceiver
Hot Pluggable, MTP/MPO Connector, +3.3V, MMF 150M DDM 0~70C
FEATURES
• 4 independent full-duplex channels
• Up to 11.2Gbps per channel bandwidth
• Aggregate bandwidth of > 40Gbps
• MTP/MPO optical connector
• QSFP MSA compliant
• Digital diagnostic capabilities
• CML compatible electrical I/O
• Single +3.3V power supply operating
• TX input and RX output CDR retiming
• Built-in digital diagnostic functions
• Temperature range 0°C to 70°C
• RoHS Compliant Part
APPLICATIONS
• Rack to rack
• Data Centre
• Metro networks
• Switches and Routers
• Infini band 4x SDR, DDR, QDR
DESCRIPTION
ATGBICS® AFBR-79EQPZ-R1-C is a parallel 40Gbps Quad Small Form-factor Pluggable (QSFP) optical
module that provides increased port density and total system cost savings. The QSFP full-duplex optical
module offers 4 independent transmit and receive channels, each capable of 10Gbps operation for an
aggregate bandwidth of 40Gbps 70m on OM3 Multimode Fiber (MMF)and 150m on OM4 MMF.
An optical fiber ribbon cable with an MPO/MTP connector at each end plugs into the QSFP module
receptacle. The orientation of the ribbon cable is “keyed” and guide pins are present inside the module’s
receptacle to ensure proper alignment. The cable usually has no twist (key up to key up) to ensure proper
channel to channel alignment. Electrical connection is achieved through a z-pluggable 38-pin IPASS®
connector.


Similar Part No. - AFBR-79EQPZ-R1-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-79EQPZ-AR2-C ATGBICS-AFBR-79EQPZ-AR2-C Datasheet
542Kb / 15P
AFBR-79EQPZ-AR2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BR1-C ATGBICS-AFBR-79EQPZ-BR1-C Datasheet
594Kb / 15P
AFBR-79EQPZ-BR1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BR2-C ATGBICS-AFBR-79EQPZ-BR2-C Datasheet
542Kb / 15P
AFBR-79EQPZ-BR2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BX5-C ATGBICS-AFBR-79EQPZ-BX5-C Datasheet
594Kb / 15P
AFBR-79EQPZ-BX5 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-C ATGBICS-AFBR-79EQPZ-C Datasheet
593Kb / 15P
AFBR-79EQPZ Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
More results

Similar Description - AFBR-79EQPZ-R1-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-79EQPZ-AR2-C ATGBICS-AFBR-79EQPZ-AR2-C Datasheet
542Kb / 15P
AFBR-79EQPZ-AR2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BR1-C ATGBICS-AFBR-79EQPZ-BR1-C Datasheet
594Kb / 15P
AFBR-79EQPZ-BR1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BR2-C ATGBICS-AFBR-79EQPZ-BR2-C Datasheet
542Kb / 15P
AFBR-79EQPZ-BR2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BX5-C ATGBICS-AFBR-79EQPZ-BX5-C Datasheet
594Kb / 15P
AFBR-79EQPZ-BX5 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-C ATGBICS-AFBR-79EQPZ-C Datasheet
593Kb / 15P
AFBR-79EQPZ Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-CS1-C ATGBICS-AFBR-79EQPZ-CS1-C Datasheet
594Kb / 15P
AFBR-79EQPZ-CS1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-EX2-C ATGBICS-AFBR-79EQPZ-EX2-C Datasheet
542Kb / 15P
AFBR-79EQPZ-EX2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-FB1-C ATGBICS-AFBR-79EQPZ-FB1-C Datasheet
594Kb / 15P
AFBR-79EQPZ-FB1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-IC1-C ATGBICS-AFBR-79EQPZ-IC1-C Datasheet
594Kb / 15P
AFBR-79EQPZ-IC1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-JU1-C ATGBICS-AFBR-79EQPZ-JU1-C Datasheet
542Kb / 15P
AFBR-79EQPZ-JU1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com