Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 10 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 10 Page - ATGBICS by Approved Technology

Back Button AFBR-79EQPZ-R1-C Datasheet HTML 6Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 10Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 11Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 12Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 13Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 14Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 10 of
15
Product Datasheet
Pin Assignment
Diagram of Host Board Connector Block Pin Numbers and Name
Diagram of Host Board Connector Block Pin Numbers and Names
Pin Function Definitions
Pin
Logic
Symbol
Name/Descr
iption
Ref.
1
GND
Ground
1
2
CML-I
Tx2n
Transmitter
Inverted
Data Input
3
CML-I
Tx2p
Transmitter
Non-Inverted
Data output
4
GND
Ground
1
5
CML-I
Tx4n
Transmitter
Inverted
Data Output
6
CML-I
Tx4p
Transmitter
Non-
Inverted
Data Output
7
GND
Ground
1
8
LVTTL-I
ModSelL
Module
Select
9
LVTTL-I
ResetL
Module
Reset
10
VccRx
+3.3V Power
Supply
Receiver
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com