Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 8 Page - ams AG

Part # AS5045
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 8 Page - ams AG

Back Button AS5045 Datasheet HTML 4Page - ams AG AS5045 Datasheet HTML 5Page - ams AG AS5045 Datasheet HTML 6Page - ams AG AS5045 Datasheet HTML 7Page - ams AG AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG AS5045 Datasheet HTML 10Page - ams AG AS5045 Datasheet HTML 11Page - ams AG AS5045 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 8 of 24
Parameter
Symbol
Min
Typ
Max
Unit
Note
Programmed Zener Voltage (log.1)
Vprogrammed
100
mV
Unprogrammed Zener Voltage (log. 0)
Vunprogrammed
1
V
VRef-VPROG during Analog
Readback mode (see 8.4)
4
Functional Description
The AS5045 is manufactured in a CMOS standard
process and uses a spinning current Hall technology for
sensing the magnetic field distribution across the surface
of the chip.
The integrated Hall elements are placed around the
center of the device and deliver a voltage representation
of the magnetic field at the surface of the IC.
Through Sigma-Delta Analog / Digital Conversion and
Digital Signal-Processing (DSP) algorithms, the AS5045
provides accurate high-resolution absolute angular
position information. For this purpose a Coordinate
Rotation Digital Computer (CORDIC) calculates the angle
and the magnitude of the Hall array signals.
The DSP is also used to provide digital information at the
outputs
MagI NCn
and
M agDECn
that
indicate
movements of the used magnet towards or away from the
device’s surface.
A small low cost diametrically magnetized (two-pole)
standard
magnet
provides
the
angular
position
information (see Figure 17).
The AS5045 senses the orientation of the magnetic field
and calculates a 12-bit binary code. This code can be
accessed via a Synchronous Serial Interface (SSI). In
addition, an absolute angular representation is given by a
Pulse Width Modulated signal at pin 12 (PWM). This
PWM signal output also allows the generation of a direct
proportional analogue voltage, by using an external Low-
Pass-Filter.
The AS5045 is tolerant to magnet misalignment and
magnetic stray fields due to differential measurement
technique and Hall sensor conditioning circuitry.
Figure 4: AS5045 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com