Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 13 Page - ams AG

Part # AS5045
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 13 Page - ams AG

Back Button AS5045 Datasheet HTML 9Page - ams AG AS5045 Datasheet HTML 10Page - ams AG AS5045 Datasheet HTML 11Page - ams AG AS5045 Datasheet HTML 12Page - ams AG AS5045 Datasheet HTML 13Page - ams AG AS5045 Datasheet HTML 14Page - ams AG AS5045 Datasheet HTML 15Page - ams AG AS5045 Datasheet HTML 16Page - ams AG AS5045 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 13 of 24
6
Pulse Width Modulation (PWM)
Output
The AS5045 provides a pulse width modulated output
(PWM), whose duty cycle is proportional to the measured
angle:
() 1
4097 −
+
=
off
on
on
t
t
t
Position
The PWM frequency is internally trimmed to an accuracy
of
±5% (±10% over full temperature range). This
tolerance can be cancelled by measuring the complete
duty cycle as shown above.
1/fPWM
Angle
359.91 deg
(Pos 4095)
0 deg
(Pos 0)
1µs
4097µs
PWMIN
PWMAX
4096µs
Figure 8: PWM output signal
6.1
Changing the PWM Frequency
The PWM frequency of the AS5045 can be divided by two
by setting a bit (PWMhalfEN) in the OTP register (see
chapter 8). With PWMhalfEN = 0 the PWM timing is as
shown in Table 6:
Parameter
Symbol
Typ
Unit
Note
PWM
frequency
fPWM
244
Hz
Signal period:
4097µs
MIN pulse
width
PWMIN
1
µs
- Position 0d
- Angle 0 deg
MAX pulse
width
PWMAX
4096
µs
- Position 4095d
- Angle 359.91 deg
Table 6: PWM signal parameters (default mode)
When PWMhalfEN = 1, the PWM timing is as shown in
Table 7:
Parameter
Symbol
Typ
Unit
Note
PWM
frequency
fPWM
122
Hz
Signal period:
8194µs
MIN pulse
width
PWMIN
2
µs
- Position 0d
- Angle 0 deg
MAX pulse
width
PWMAX
8192
µs
- Position 4095d
- Angle 359.91 deg
Table 7: PWM signal parameters with half frequency (OTP option)
7
Analog Output
An analog output can be generated by averaging the
PWM signal, using an external active or passive lowpass
filter. The analog output voltage is proportional to the
angle: 0°= 0V; 360° = VDD5V.
Using this method, the AS5045 can be used as direct
replacement of potentiometers.
Figure 9: Simple 2nd order passive RC lowpass filter
Figure 9 shows an example of a simple passive lowpass
filter to generate the analog output.
R1, R2
≥ 4k7
C1, C2
≥ 1µF / 6V
R1 should be
≥4k7 to avoid loading of the PWM output.
Larger values of Rx and Cx will provide better filtering
and less ripple, but will also slow down the response
time.
360°
C1
R1
R2
analog out
C2
Pin12
PWM
Pin7
VSS
0V
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com