Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 10 Page - ams AG

Part # AS5045
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 10 Page - ams AG

Back Button AS5045 Datasheet HTML 6Page - ams AG AS5045 Datasheet HTML 7Page - ams AG AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG AS5045 Datasheet HTML 10Page - ams AG AS5045 Datasheet HTML 11Page - ams AG AS5045 Datasheet HTML 12Page - ams AG AS5045 Datasheet HTML 13Page - ams AG AS5045 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 10 of 24
Placing the magnet above the chip, angular values increase in clockwise direction by default.
Data D11:D0 is valid, when the status bits have the following configurations:
OCF
COF
LIN
Mag
INC
Mag
DEC
Parity
0
0
0
1
1
0
1
0
0
1*)
1*)
even
checksum of
bits 1:15
Table 3: Status bit outputs
*) MagInc=MagDec=1 is only recommended in YELLOW mode (see Table 5)
5.1.2
Z-axis Range Indication (Push Button Feature, Red/Yellow/Green Indicator)
The AS5045 provides several options of detecting
movement and distance of the magnet in the Z-direction.
Signal indicators MagINCn and MagDECn are available both
as hardware pins (pins 1 and 2) and as status bits in the
serial data stream (see Figure 5). Additionally, an OTP
programming option is available with bit MagCompEn (see
Figure 10) that enables additional features:
In the default state, the status bits MagINC, MagDec
and pins MagINCn, MagDECn have the following function:
Status bits
Hardware pins
OTP: Mag CompEn = 0 (default)
Mag
INC
Mag
DEC
Mag
INCn
Mag
DECn
Description
0
0
Off
Off
No distance change
Magnetic input field OK (in range, ~45…75mT)
0
1
Off
On
Distance increase; pull-function. This state is dynamic and only active while the magnet is
moving away from the chip.
1
0
On
Off
Distance decrease; push- function. This state is dynamic and only active while the magnet is
moving towards the chip.
1
1
On
On
Magnetic field is ~<45mT or >~75mT. It is still possible to operate the AS5045 in this range, but
not recommended
Table 4: Magnetic field strength variation indicator
When bit MagCompEn is programmed in the OTP, the function of status bits MagINC, MagDec
and pins MagINCn, MagDECn is changed to the following function:
Status bits
Hardware pins
OTP: Mag CompEn = 1 (red-yellow-green programming option)
Mag
INC
Mag
DEC
LIN
Mag
INCn
Mag
DECn
Description
0
0
0
Off
Off
No distance change
Magnetic input field OK ( GREEN range, ~45…75mT)
1
1
0
On
Off
YELLOW range: magnetic field is ~ 25…45mT or ~75…135mT. The AS5045 may still
be operated in this range, but with slightly reduced accuracy.
1
1
1
On
On
RED range: magnetic field is ~<25mT or >~135mT. It is still possible to operate the
AS5045 in the red range, but not recommended.
All other combinations
n/a
n/a
Not available
Table 5: Magnetic field strength red-yellow-green indicator (OTP option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com