Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 2 Page - ams AG

Part # AS5045
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 2 Page - ams AG

  AS5045 Datasheet HTML 1Page - ams AG AS5045 Datasheet HTML 2Page - ams AG AS5045 Datasheet HTML 3Page - ams AG AS5045 Datasheet HTML 4Page - ams AG AS5045 Datasheet HTML 5Page - ams AG AS5045 Datasheet HTML 6Page - ams AG AS5045 Datasheet HTML 7Page - ams AG AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 2 of 24
2
Pin Configuration
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
MagINCn
MagDECn
NC
NC
NC
Mode
VSS
Prog_DI
DO
CLK
CSn
PWM
NC
NC
VDD3V3
VDD5V
Figure 2: Pin configuration SSOP16
2.1
Pin Description
Table 1 shows the description of each pin of the standard
SSOP16 package (Shrink Small Outline Package, 16
leads, body size: 5.3mm x 6.2mmm; see Figure 2).
Pins 7, 15 and 16 supply pins, pins 3, 4, 5, 6, 13 and 14
are for internal use and must not be connected.
Pins 1 and 2 MagINCn and MagDECn are the magnetic
field change indicators (magnetic field strength increase
or decrease through variation of the distance between
the magnet and the device). These outputs can be used
to detect the valid magnetic field range. Furthermore
those indicators can also be used for contact-less push-
button functionality.
Pin 6 Mode allows switching between filtered (slow) and
unfiltered (fast mode). This pin must be tied to VSS or
VDD5V, and must not be switched after power up. See
section 5.
Pin Symbol
Type
Description
1
MagINCn
DO_OD
Magnet Field Magnitude INCrease;
active low, indicates a distance
reduction between the magnet and
the device surface. See Table 5
2
MagDECn
DO_OD
Magnet Field Magnitude DECrease;
active low, indicates a distance
increase between the device and the
magnet. See Table 5
3
NC
-
Must be left unconnected
4
NC
-
Must be left unconnected
5
NC
-
Must be left unconnected
6
Mode
-
Select between slow (low, VSS) and
fast (high, VDD5V) mode. Internal
pull-down resistor.
7
VSS
S
Negative Supply Voltage (GND)
8
Prog_DI
DI_PD
OTP Programming Input and Data
Input for Daisy Chain mode. Internal
pull-down resistor (~74k
Ω).
Connect to VSS if not used
9
DO
DO_T
Data Output of
Synchronous Serial Interface
Pin Symbol
Type
Description
10
CLK
DI,
ST
Clock Input of
Synchronous Serial Interface;
Schmitt-Trigger input
11
CSn
DI_PU,
ST
Chip Select, active low; Schmitt-
Trigger input, internal pull-up resistor
(~50k
Ω)
12
PWM
DO
Pulse Width Modulation of approx.
244Hz; 1µs/step
(opt. 122Hz; 2µs/step)
13
NC
-
Must be left unconnected
14
NC
-
Must be left unconnected
15
VDD3V3
S
3V-Regulator Output, internally
regulated from VDD5V. Connect to
VDD5V for 3V supply voltage. Do not
load externally.
16
VDD5V
S
Positive Supply Voltage, 3.0 to 5.5 V
Table 1: Pin description SSOP16
DO_OD
digital output open drain
S
supply pin
DO
digital output
DI
digital input
DI_PD
digital input pull-down
DO_T digital output /tri-state
DI_PU
digital input pull-up
ST
Schmitt-Trigger input
Pin 8 Prog is used to program the zero-position into the
OTP (see chapter 8.1).
This pin is also used as digital input to shift serial data
through the device in Daisy Chain configuration,
(see page 11).
Pin 11 Chip Select (CSn; active low) selects a device
within a network of AS5045 encoders and initiates serial
data transfer. A logic high at CSn puts the data output
pin (DO) to tri-state and terminates serial data transfer.
This pin is also used for alignment mode (Figure 14) and
programming mode (Figure 10).
Pin 12 PWM allows a single wire output of the 10-bit
absolute position value. The value is encoded into a
pulse width modulated signal with 1µs pulse width per
step (1µs to 4096µs over a full turn). By using an
external low pass filter, the digital PWM signal is
converted into an analog voltage, making a direct
replacement of potentiometers possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com