Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 21 Page - ams AG

Part # AS5045
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 21 Page - ams AG

Back Button AS5045 Datasheet HTML 16Page - ams AG AS5045 Datasheet HTML 17Page - ams AG AS5045 Datasheet HTML 18Page - ams AG AS5045 Datasheet HTML 19Page - ams AG AS5045 Datasheet HTML 20Page - ams AG AS5045 Datasheet HTML 21Page - ams AG AS5045 Datasheet HTML 22Page - ams AG AS5045 Datasheet HTML 23Page - ams AG AS5045 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 21 of 24
14.2
Transition Noise
Transition noise is defined as the jitter in the transition
between two steps.
Due to the nature of the measurement principle (Hall
sensors + Preamplifier + ADC), there is always a certain
degree of noise involved.
This transition noise voltage results in an angular
transition noise at the outputs. It is specified as 0.06
degrees rms (1 sigma)*1 in fast mode (pin MODE = high)
and 0.03 degrees rms (1 sigma)*1 in slow mode (pin
MODE = low or open).
This is the repeatability of an indicated angle at a given
mechanical position.
The transition noise has different implications on the type
of output that is used:
Absolute output; SSI interface:
The transition noise of the absolute output can be
reduced by the user by implementing averaging of
readings. An averaging of 4 readings will reduce the
transition noise by 6dB or 50%, e.g. from 0.03°rms
to 0.015°rms (1 sigma) in slow mode.
PWM interface:
If the PWM interface is used as an analog output by
adding a low pass filter, the transition noise can be
reduced by lowering the cutoff frequency of the
filter.
If the PWM interface is used as a digital interface
with a counter at the receiving side, the transition
noise may again be reduced by averaging of
readings.
*1
: statistically, 1 sigma represents 68.27% of readings,
3 sigma represents 99.73% of readings.
14.3
High Speed Operation
14.3.1
Sampling Rate
The AS5045 samples the angular value at a rate of 2.61k
(slow mode) or 10.42k (fast mode, selectable by pin
MODE) samples per second. Consequently, the absolute
outputs are updated each 384µs (96µs in fast mode).
At a stationary position of the magnet, the sampling rate
creates no additional error.
Absolute Mode
At a sampling rate of 2.6kHz/10.4kHz, the number of
samples (n) per turn for a magnet rotating at high speed
can be calculated by
s
rpm
n
e
slow
μ
384
60
mod
=
s
rpm
n
e
fast
μ
96
60
mod
=
The upper speed limit in slow mode is ~6.000rpm and
~30.000rpm in fast mode. The only restriction at high
speed is that there will be fewer samples per revolution
as the speed increases (see Table 2).
Regardless of the rotational speed, the absolute angular
value is always sampled at the highest resolution of 12
bit.
14.4
Propagation Delays
The propagation delay is the delay between the time that
the sample is taken until it is converted and available as
angular data. This delay is 96µs in fast mode and 384µs
in slow mode.
Using the SSI interface for absolute data transmission,
an additional delay must be considered, caused by the
asynchronous sampling (0 … 1/fsample) and the time it
takes the external control unit to read and process the
angular data from the chip (maximum clock rate = 1MHz,
number of bits per reading = 18).
14.4.1
Angular Error Caused by Propagation Delay
A rotating magnet will cause an angular error caused by
the output propagation delay.
This error increases linearly with speed:
delay
prop
rpm
e
sampling
.
*
6
,
=
where
esampling = angular error [°]
rpm = rotating speed [rpm]
prop.delay = propagation delay [seconds]
Note: since the propagation delay is known, it can be
automatically compensated by the control unit processing
the data from the AS5045.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com