Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 16 Page - ams AG

Part # AS5045
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 16 Page - ams AG

Back Button AS5045 Datasheet HTML 12Page - ams AG AS5045 Datasheet HTML 13Page - ams AG AS5045 Datasheet HTML 14Page - ams AG AS5045 Datasheet HTML 15Page - ams AG AS5045 Datasheet HTML 16Page - ams AG AS5045 Datasheet HTML 17Page - ams AG AS5045 Datasheet HTML 18Page - ams AG AS5045 Datasheet HTML 19Page - ams AG AS5045 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 16 of 24
8.4
Analog Readback Mode
Non-volatile programming (OTP) uses on-chip zener
diodes, which become permanently low resistive when
subjected to a specified reverse current.
The quality of the programming process depends on the
amount of current that is applied during the programming
process (up to 130mA). This current must be provided by
an external voltage source. If this voltage source cannot
provide adequate power, the zener diodes may not be
programmed properly.
In order to verify the quality of the programmed bit, an
analog level can be read for each zener diode, giving an
indication whether this particular bit was properly
programmed or not.
To put the AS5045 in Analog Readback Mode, a digital
sequence must be applied to pins CSn, PROG and CLK
as shown in Figure 13. The digital level for this pin
depends on the supply configuration (3.3V or 5V; see
section 0).
The second rising edge on CSn (OutpEN) changes pin
PROG to a digital output and the log. high signal at pin
PROG must be removed to avoid collision of outputs
(grey area in Figure 13).
The following falling slope of CSn changes pin PROG to
an analog output, providing a reference voltage Vref, that
must be saved as a reference for the calculation of the
subsequent programmed and unprogrammed OTP bits.
Following this step, each rising slope of CLK outputs one
bit of data in the reverse order as during programming
(see Figure 10: Md0-MD1-Div0,Div1-Indx-Z0…Z11, ccw).
If a capacitor is connected to pin PROG, it should be
removed during analog readback mode to allow a fast
readout rate. If the capacitor is not removed the analog
voltage will take longer to stabilize due to the additional
capacitance.
The measured analog voltage for each bit must be
subtracted from the previously measured Vref, and the
resulting value gives an indication on the quality of the
programmed bit: a reading of <100mV indicates a
properly programmed bit and a reading of >1V indicates
a properly unprogrammed bit.
A reading between 100mV and 1V indicates a faulty bit,
which may result in an undefined digital value, when the
OTP is read at power-up.
Following the 18th clock (after reading bit “ccw”), the chip
must be reset by disconnecting the power supply.
Vunprogrammed
CSn
CLK
116
PROG
ProgEN
Mag
Comp
EN
PWM
halfEN
Analog Readback Data at PROG
OutpEN
CLKAread
Prog changes to Output
Vref
Z0
PWM
Dis
Z8
Z7
Z10
Z9
Z11
tLoadProg
Internal
test bit
digital
Vprogrammed
CCW
Power-on-
Reset;
turn off
supply
Figure 13: OTP register analog read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com