Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1201 Datasheet(PDF) 3 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 3 Page - International Rectifier

  IP1201 Datasheet HTML 1Page - International Rectifier IP1201 Datasheet HTML 2Page - International Rectifier IP1201 Datasheet HTML 3Page - International Rectifier IP1201 Datasheet HTML 4Page - International Rectifier IP1201 Datasheet HTML 5Page - International Rectifier IP1201 Datasheet HTML 6Page - International Rectifier IP1201 Datasheet HTML 7Page - International Rectifier IP1201 Datasheet HTML 8Page - International Rectifier IP1201 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.irf.com
3
iP1201
Electrical Specifications (continued)
Note 1: Guaranteed to meet specifications from T
BLK = 0°C to 90°C. Specifications outside of this temperature range are
guaranteed by design, and not production tested.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Frequency
fSW
255
-
345
kHz
RT set to 30.9kΩ
Sync Frequency Range
fSYNC
480
-
800
kHz
Free running frequency
set 20% below sync frequency
Sync Pulse Duration
tSYNC
-200
-
ns
Sync, Hiccup High Level
Threshold Voltage
2-
-
V
Sync, Hiccup Low Level
Threshold Voltage
--
0.8
V
VIN Quiescent Current
IIN_Leakage
-1.0
-
mA
VIN = 5V, Enable high
Thermal Shutdown
Tempshdn
-140
-
°C
Max Duty Cycle
DMAX
90
-
-
%
fSW= 200kHz
Enable Input Logic High
VEN-Hi
2-
-
V
VIN = VMIN to VMAX
Enable Input Logic Low
VEN-Lo
--
0.4
V
VIN = VMIN to VMAX
VIN Undervoltage Lockout
Threshold Voltage
VIN_UVLO
-2.7
-
V
VIN = 5V, ENABLE Pulled Low
Output Disable Soft Start Low
Threshold Voltage
VSS_Dis
-
-
0.25
V
SS1 / SS2 Pins Pulled Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com