Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1201 Datasheet(PDF) 17 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 17 Page - International Rectifier

Back Button IP1201 Datasheet HTML 13Page - International Rectifier IP1201 Datasheet HTML 14Page - International Rectifier IP1201 Datasheet HTML 15Page - International Rectifier IP1201 Datasheet HTML 16Page - International Rectifier IP1201 Datasheet HTML 17Page - International Rectifier IP1201 Datasheet HTML 18Page - International Rectifier IP1201 Datasheet HTML 19Page - International Rectifier IP1201 Datasheet HTML 20Page - International Rectifier IP1201 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.irf.com
17
iP1201
Only a few external components are required to com-
plete a dual output synchronous buck power supply
using iP1201. The following procedure will guide
the designer through the design and selection pro-
cess of these external components.
A typical application for iP1201 will be:
V
IN = 3.3V, VOUT1 = 1.5V, IOUT1 = 10A, VOUT2 = 2.5V, IOUT2 =
6A, f
sw = 200kHz, Vp-p1 = Vp-p2 = 40mV
Setting the Output Voltage
The output voltage of the iP1201 is set by the 0.8V
reference Vref and external voltage dividers.
Fig. 19: Typical scheme for output voltage setting
V
OUT1 is set according to equation (1):
V
OUT1 = Vref x (1 + R9 /R7 ) (see Fig. 19)
(1)
Setting R
7 to 1K, VOUT1 to 1.5V and Vref to 0.8V, will
result in R
9= 875 ohms (select 887 ohms).
Final
values can be selected according to the desired
accuracy of the output.
If the 0.8V reference is used to set the voltage for the
second output V
OUT2, VP-ref pin must be shorted to
Vref pin and in a similar way, voltage divider resis-
tors are selected for the second output V
OUT2. The
second output can also be set by applying an exter-
iP1201 Design Procedure
R9
R7
R13
R14
iP1201
C26
(Optional)
Vout1
FB1
FB1S
nal reference source to VP-ref. In this case, to en-
sure proper start-up, power to VP-ref and iP1201
must be applied simultaneuosly.
Setting the Overvoltage Trip
Both outputs of the iP1201 will shut down if either
one of the outputs experiences a voltage in the range
of 115% of V
OUT. The overvoltage sense pins FB1s
and FB2s are connected to the output through volt-
age dividers, R
13 and R14 (Fig. 19), and the trip
setpoints are programmed according to equation
(1). Separate overvoltage sense pins FB1
s and FB2s
are provided to protect the power supply output if for
some reason the main feedback loop is lost (for
instance, loss of feedback resistors). If this redun-
dancy is not required and if Type II control loop com-
pensation scheme is utilized, FB1s and FB2s pins
can be connected to FB1 and FB2 pins respectively.
An optional 100pF capacitor (C26) is used for delay
and filtering purposes.
Setting the Soft-Start Capacitor
The soft start capacitor C
ss is selected according to
equation (2):
t
ss = 40 x Css
(2)
where,
t
ss is the output voltage ramp time in milliseconds,
and C
ss is the soft start capacitor in µF.
A 0.1µF capacitor will provide an output voltage ramp-
up time of about 4ms.
Input Capacitor Selection
The switching currents impose RMS current require-
ments on the input capacitors. The expression in
equation (3) allows the selection of the input ca-
pacitors:
(3)
where,
D is the duty cycle and is expressed as:
D = V
OUT / VIN.
For output1 of the above example D= 0.45 and,
I
RMS = 10 x SQRT (0.45(1-0.45)) = 5A
For output2 of the above example D = 0.75 and,
)
1
(
D
D
I
I
LOAD
RMS
−
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com