Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1201 Datasheet(PDF) 16 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 16 Page - International Rectifier

Back Button IP1201 Datasheet HTML 12Page - International Rectifier IP1201 Datasheet HTML 13Page - International Rectifier IP1201 Datasheet HTML 14Page - International Rectifier IP1201 Datasheet HTML 15Page - International Rectifier IP1201 Datasheet HTML 16Page - International Rectifier IP1201 Datasheet HTML 17Page - International Rectifier IP1201 Datasheet HTML 18Page - International Rectifier IP1201 Datasheet HTML 19Page - International Rectifier IP1201 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.irf.com
16
iP1201
Fig. 17: iP1201 Single Output Simplified Schematic
Fig. 18: iP1201 Single Output Lossless Inductor Current Sensing Simplified Schematic
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
SS2
VREF
ENABLE
RT
SYNC
VSW2
FB2
FB2S
CC2
iP1201
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
SS2
VREF
ENABLE
RT
SYNC
VSW2
FB2
FB2S
CC2
C8
0.1uF
L1
1.0uH
Cout
470uF
R9
887
R7
1k
C9
0.01uF
R5
4.75k
L2
1.0uH
C11
6800pF
R6
7.15k
C7
0.1uF
R3
30.9k
C10
100pF
R1
100k
R2
100k
0.8V
VOUT
1.5V
C18
1uF
Cin
100uF
R24
100k
PGND
VIN
x4
x4
CL2
1.0uF
RL2
1.0k
CL1
1.0uF
RL1
1.0k
R13
887
R14
1k
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
SS2
VREF
ENABLE
RT
SYNC
VSW2
FB2
FB2S
CC2
iP1201
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
SS2
VREF
ENABLE
RT
SYNC
VSW2
FB2
FB2S
CC2
C8
0.1uF
L1
1.0uH
Cout
470uF
R9
887
R7
1k
C9
0.01uF
R5
4.75k
L2
1.0uH
C11
6800pF
R6
7.15k
C7
0.1uF
R3
30.9k
C10
100pF
R1
100k
R2
100k
0.8V
VOUT
1.5V
C18
1uF
Cin
100uF
R24
100k
PGND
VIN
Rshunt1
5mOhm
Rshunt2
5mOHM
x4
x4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com