Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1201 Datasheet(PDF) 14 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 14 Page - International Rectifier

Back Button IP1201 Datasheet HTML 10Page - International Rectifier IP1201 Datasheet HTML 11Page - International Rectifier IP1201 Datasheet HTML 12Page - International Rectifier IP1201 Datasheet HTML 13Page - International Rectifier IP1201 Datasheet HTML 14Page - International Rectifier IP1201 Datasheet HTML 15Page - International Rectifier IP1201 Datasheet HTML 16Page - International Rectifier IP1201 Datasheet HTML 17Page - International Rectifier IP1201 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.irf.com
14
iP1201
Mode of Operation
The iP1201 can be configured to provide either two
independent dual outputs or single paralleled out-
put with current share. In dual output mode, the two
error amplifiers of the PWM controller operate inde-
pendently. Each output voltage of the iP1201 block
is controlled by its own error amplifier. The output of
the error amplifier and the internally generated ramp
signal are compared to produce PWM pulses of fixed
frequency that drive the internal power switches. In
this mode, the VP-ref pin must be connected to Vref
pin. Vref pin is the internally generated 0.8V refer-
ence input of first error amplifier . Refer to the inter-
nal block diagram of the iP1201 in Fig.1.
In single output mode, one error amplifier controls
the output voltage and the other amplifier monitors
the inductor current information for current sharing.
In this mode, VP-ref pin must be disconnected from
Vref pin and connected to the output of the inductor.
See Fig. 16. The inductor current information is pro-
vided through external shunts placed in series with
the output inductors.
A lossless inductor current sensing scheme can
also be implemented as shown in Fig. 17 where
the current is sensed throughthe DC resistance of
the inductor.
The iP1201 can also be configured in dual output
tracking mode where the second output tracks the
first output.
For a specific output configuration, follow the con-
nection diagram shown in Fig.16, Fig.17 and Fig.18
at the end of this section.
Out of Phase Operation
The dual output PWM controller inside the iP1201
provides a 180° out of phase operation of the PWM
outputs. This method of control offers the advan-
tage of reducing the amount of input bypass ca-
pacitors due to increase in input ripple frequency
and hence reduction of ripple amplitude. Moreover,
for paralleled output configurations 180° phase
shifting contributes to smaller output capacitors due
to output inductor ripple current cancellation and
ripple reduction.
Frequency and Synchronization
The operating switching frequency (f
SW) range of
iP1201 is 200 kHz to 400 kHz. The desired frequency
is set by placing an external resistor to the RT pin of
the iP1201. See Fig. 11 for the proper resistor value.
The iP1201 is capable of accepting an external digi-
tal synchronization signal. Synchronization will be
enabled by the rising edge clock. The free running
oscillator frequency is twice the per-channel fre-
quency. During synchronization, RT is selected such
that the free running frequency is 20% below the
synchronization frequency. The maximum synchro-
nization frequency that iP1201 can accept is 800kHz.
Note that the actual free running frequency of indi-
vidual output is half the synchronization frequency.
Synchronization capability is provided both in inde-
pendent and parallel configurations. When unused,
the SYNC pin must be left floating.
Overcurrent Protection/Autorestart
The Overcurrent Protection function of the iP1201
offers two distinct modes: HICCUP of the output
and Overcurrent Shutdown. If the Hiccup pin is
pulled high (Hiccup enabled), hiccup mode will be
selected. If Hiccup pin is pulled low (Hiccup dis-
abled), overcurrent shutdown will be selected.
During overloads, in HICCUP disabled mode, the
controller shuts down as soon as the trip threshold
is reached. In HICCUP enabled mode, when
overcurrent trip threshold is reached, the power
supply output shuts down and attempts to restart.
The time duration between the shutdown of the
output and the restart is determined by the time it
takes to discharge the soft start capacitor. Typically,
the discharge time of the soft start capacitor is 10
times the charge time. The duty cycle of the hiccup
process is typically 5%.The output will stay in hic-
cup indefinitely until the overload is removed. The
typical overcurrent trip threshold of the device is
internally set at 20A.
Overvoltage Protection (OVP)
Overvoltage is sensed through separate output volt-
age sense pins FB1s and FB2s. A separate OVP
circuit is provided for each output and the OVP
threshold is set to 115% of the output voltage. Upon
overvoltage condition of either one of the outputs,
the OVP forces a latched shutdown on both out-
puts. In this mode, the upper FETs turn off and the
lower FETs turn on, thus crowbaring the outputs.
Reset is performed by recycling the ENABLE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com