Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1201 Datasheet(PDF) 1 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 1 Page - International Rectifier

  IP1201 Datasheet HTML 1Page - International Rectifier IP1201 Datasheet HTML 2Page - International Rectifier IP1201 Datasheet HTML 3Page - International Rectifier IP1201 Datasheet HTML 4Page - International Rectifier IP1201 Datasheet HTML 5Page - International Rectifier IP1201 Datasheet HTML 6Page - International Rectifier IP1201 Datasheet HTML 7Page - International Rectifier IP1201 Datasheet HTML 8Page - International Rectifier IP1201 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
• 3.14V to 5.5V input voltage
• 0.8V to 3.3V output voltage
• 2 Phase Synchronous Buck Power Block
• 180
° out of phase operation
• Single or Dual output capability
• Dual 15A maximum load capability
• Single 2 phase 30A maximum load capability
• 200-400kHz per channel nominal switching frequency
• Over Current Hiccup or Over Current Latch
• External Synchronization capability
• Overvoltage protection
• Independent soft start per output
• Over Temperature protection
• Internal features minimize layout sensitivity *
• Very small outline 15.5mm x 9.25mm x 2.6mm
Dual Output Full Function 2 Phase
Synchronous Buck Power Block
Integrated Power Semiconductors,
PWM Control & Passives
The iP1201 is a fully optimized solution for medium current synchronous buck applications requiring up to 15A
or 30A. The iP1201 is optimized for 2 phase single output applications up to 30A or dual output, each up to
15A with interleaved input. It includes full function PWM control, with optimized power semiconductor chip-sets
and associated passives, achieving high power density. Very few external components are required to create
a complete synchronous buck power supply.
iPOWIR technology offers designers an innovative space-saving solution for applications requiring high power
densities. iPOWIR technology eases design for applications where component integration offers benefits in
performance and functionality. iPOWIR technology solutions are also optimized internally for layout, heat
transfer and component selection.
Description
iP1201 Power Block
Features
* Although, all of the difficult PCB layout and bypassing issues have been addressed with the internal design of the iPOWIR block, proper layout techniques should be applied
for the design of the power supply board. There are no concerns about unwanted shutdowns common to switching power supplies, if operated as specified. The iPOWIR block
will function normally, but not optimally without any additional input decoupling capacitors. Input decoupling capacitors should be added at Vin pin for stable and reliable long
term operation. See layout guidelines in datasheet for more detailed information.
PD-94590
10/6/03
iP1201
www.irf.com
1
iP1201 Configurations
Dual Output
Single Output
V
IN
V
OUT
V
IN
V
OUT
Channel 1
Channel 2
V
OUT
Channel 1
Channel 2
V
IN
V
OUT
Channel 1
Channel 2
V
OUT
Channel 1
Channel 2
V
IN
V
OUT


Similar Part No. - IP1201

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1201PBF IRF-IP1201PBF Datasheet
961Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results

Similar Description - IP1201

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1202 IRF-IP1202 Datasheet
1Mb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP2002 IRF-IP2002 Datasheet
835Kb / 12P
Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
IP1201PBF IRF-IP1201PBF Datasheet
961Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP2002PBF IRF-IP2002PBF Datasheet
475Kb / 12P
Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP1203PBF IRF-IP1203PBF Datasheet
641Kb / 23P
Single Output Full Function Synchronous Buck Power Block
logo
Micrel Semiconductor
MIC2155 MICREL-MIC2155 Datasheet
644Kb / 33P
2-Phase, Single Output, PWM Synchronous Buck Control IC
MIC2150 MICREL-MIC2150 Datasheet
803Kb / 27P
2-Phase Dual Output PWM Synchronous Buck Control IC
logo
International Rectifier
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com