Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1201 Datasheet(PDF) 6 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 6 Page - International Rectifier

Back Button IP1201 Datasheet HTML 2Page - International Rectifier IP1201 Datasheet HTML 3Page - International Rectifier IP1201 Datasheet HTML 4Page - International Rectifier IP1201 Datasheet HTML 5Page - International Rectifier IP1201 Datasheet HTML 6Page - International Rectifier IP1201 Datasheet HTML 7Page - International Rectifier IP1201 Datasheet HTML 8Page - International Rectifier IP1201 Datasheet HTML 9Page - International Rectifier IP1201 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.irf.com
6
iP1201
Fig. 6: Normalized Power Loss vs. Frequency
Fig. 4: Normalized Power Loss vs. V
IN
Fig. 5: Normalized Power Loss vs. V
OUT
Fig. 7: Normalized Power Loss vs. Inductance
0.940
0.955
0.970
0.985
1.000
1.015
1.030
33.5
4
4.5
55.5
Input V oltage (V )
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
VOU T 1 =VOU T 2 =1.5V
IOU T 1 =IOU T 2 =15A
f SW =300kHz
L =1.8µ H
T BL K =1250C
0.994
1.000
1.006
1.012
1.018
1.024
1.030
1.036
1.042
1.048
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Inductance (
µH)
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
VIN =5V
VOU T 1 =VOU T 2 =1.5V
IOU T 1 =IOU T 2 =15A
f SW =300kHz
T BLK =1250C
0.900
0.914
0.929
0.943
0.957
0.971
0.986
1.000
1.014
1.029
1.043
200
220
240
260
280
300
320
340
360
380
400
Sw itching Frequency (kHz)
-3.50
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
VIN =5V
VOU T 1 =VOU T 2 =1.5V
IOU T 1 =IOU T 2 =15A
L =1.8µ H
T BL K =1250C
0.970
0.978
0.985
0.993
1.000
1.008
1.015
1.023
1.030
1.038
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage (V)
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
VIN =5V
IOUT 1 =IOUT 2 =15A
fSW =300kHz
L =1.8µ H
T BLK =1250C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com