Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H7CC-R11
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11 Datasheet(HTML) 2 Page - Omron Electronics LLC

  H7CC-R11 Datasheet HTML 1Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 2Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 3Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 4Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 5Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 6Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 7Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 8Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
H7CC
2
Other Features
Equipped with a Key Protect Function
Any abnormality in the device due to malfunctioning or setting errors
can be prevented.
Follows the Ratings, Characteristics, and
Functionality of the H7CX-N
The H7CC follows the ratings, characteristics, and functionality of the
H7CX-N. Other than the H7CC-A8
@, all models are equipped with
power supply to external devices, which reduces the load on wiring.
Output Allocation Function
The allocation of outputs 1 and 2 (OUT1 and OUT2) can be changed.
In the conventional 2-stage output models, output 1 (OUT1) was fixed
as SPST, and output 2 (OUT2) was fixed as SPDT, however, in the
H7CC, the allocation of outputs 1 and 2 (OUT1 and OUT2) can be
changed to SPST or SPDT, which reduces the man-hours involved
when it is necessary to change the wiring.
Output ON/OFF Inversion Function
Conventionally, the output turns ON when the set value is reached,
however, when this function is used, the output can be turned OFF
when the set value is reached. As a result, the man-hours involved in
checking the wiring can be reduced.
Memory Backup Function
Conversion from the H7CN/H7AN is supported by enabling the
setting of the present value and the output state memory backup.
H7AN Compatibility Function
Conversion from the H7AN is supported by enabling the setting to
start counting from 999999 when the present value being
decremented exceeds 0.
Model Number Structure
Model Configuration
* Set the tachometer input mode from the function setting mode to switch to the tachometer function.
12
13
Output 1
(OUT1)
Output 2
(OUT2)
Output 2
(OUT2)
Output 1
(OUT1)
345
12
13
345
H7CC Series
Model
H7CC-A Series Digital Counter
H7CC-R Series Digital Tachometer
Classification
Preset counter
Preset counter/Tachometer
Tachometer
Model
H7CC-A
@
H7CC-AW
@/AU@
H7CC-R11
@
H7CC-R11W
@
Function
1-stage preset counter
Yes
Yes
No
2-stage preset counter
No
Yes
No
Total and preset counter
Yes
Yes
No
Batch counter
No
Yes
No
Dual counter
No
Yes
No
Twin counter
No
Yes
No
Tachometer
No
Yes
*
Yes
Tachometer Input
---
1 input or 2 inputs
(independent measurements,
differential, absolute ratio
value and error ratio value)
Yes
1 input
Yes
2 inputs
(independent measurement
only)
Settings
1-stage
2-stage
1-stage
External connections
8-pin socket, 11-pin socket,
Screw terminals
Screw terminals
11-pin socket
Display digits
6 digits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com