Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H7CC-R11
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11 Datasheet(HTML) 5 Page - Omron Electronics LLC

  H7CC-R11 Datasheet HTML 1Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 2Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 3Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 4Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 5Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 6Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 7Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 8Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
H7CC-A
@
5
• Equipped with a replacement time notification function.
• The white-color display further improves visibility, and the color
universal design is used. The Up/Down Keys make it easier to
use the Counter.
• Compatible with the ratings, characteristics, and functionality of
the H7CX-N.
Specifications
Ratings
*1. 1-stage preset counter and total counter functionality.
*2. Do not use the output from an inverter as the power supply.The ripple must be 20% maximum for DC power.
*3. The display is lit only when the power is ON. Nothing is displayed when power is OFF.
*4. Only reset input is performed in the H7CC-A8@, and the total count is also reset simultaneously.
H7CC-A
@ Digital Counter
Model
Item
H7CC-A8/-A11
@
H7CC-A
@
H7CC-AW
@/AU@
Classification
Preset counter
Preset counter/ tachometer
Configuration
1-stage preset counter, 1-stage preset counter with total counter (selectable)
*1
1-stage/2-stage preset counter, total and
preset counter
*1, batch counter, dual
counter, twin counter, and tachometer
(selectable)
Ratings
Power supply voltage
*2
• 100 to 240 VAC, 50/60 Hz
• 24 VAC, 50/60 Hz or 12 to 48 VDC
Operating voltage
fluctuation range
85% to 110% of rated supply voltage (12 to 48 VDC: 90% to 110%)
Power consumption
Approx. 6.8 VA at 100 to 240 VAC,
Approx. 5.5 VA/3.3 W at 24 VAC/12 to 48 VDC,
Mounting method
Flush mounting or surface mounting
Flush mounting
External connections
8-pin/ 11-pin socket
Screw terminals
Degree of protection
IEC IP66 for panel surface only and only when Y92S-P6 Waterproof Packing is used.
Input signals
CP1, CP2, reset, and total reset
*4
CP1, CP2, reset 1, and reset 2
Counter
Maximum counting
speed
30 Hz (minimum pulse width: 16.7 ms) or 10 kHz (minimum pulse width: 0.05 ms) (selectable) (ON/OFF ratio 1:1)
*Common setting for CP1 and CP2
Input mode
Increment (UP), decrement (DOWN), increment/decrement (UP/DOWN A (command input), UP/DOWN B (individual inputs), or
UP/DOWN C (quadrature inputs)), UP/DOWN D (command input), UP/DOWN E (individual inputs), UP/DOWN E (quadrature inputs)
Output mode
N, F, C, R, K-1, P, Q, A, K-2, D, and L.
N, F, C, R, K-1, P, Q, A, K-2, D, L, and H.
One-shot out put time 0.01 to 99.99 s
Reset system
External (minimum reset signal width: 1 ms or 20 ms, selectable), manual, and automatic reset (internal according to C, R, P,
and Q mode operation)
Tachometer
Refer to the separate table for tachometer function ratings.
Prescaling function
Yes (0.001 to 99.999)
Decimal point adjustment
Yes (right most 3 digits)
Sensor waiting time
290 ms max. (Control output is turned OFF and no input is accepted during sensor waiting time.)
Input method
No-voltage (NPN) input/voltage (PNP) input (switchable)
No-voltage inputs:
ON impedance: 1 k
Ω max. (Leakage current: 12 mA at 0 Ω) ON residual voltage: 3 V max.
OFF impedance: 100 k
Ω min.
Voltage input:
High (logic) level: 4.5 to 30 VDC
Low (logic) level: 0 to 2 VDC (Input resistance: approx. 4.7 k
Ω)
External power supply
12 VDC (±10%), 100 mA (except for H7CC-A8
@ models) Refer to Precautions for Correct Use on page 61 for details.
Control output
• Contact output: 3 A at 250 VAC/30 VDC, resistive load (cos
φ=1),
Minimum applied load: 10 mA at 5 VDC (failure level: P, reference value)
• Transistor output: NPN open collector, 100 mA at 30 VDC, Residual voltage: 1.5 VDC max. (approx. 1 V),
Leakage current: 0.1 mA max.
Display
*3
7-segment, negative transmissive LCD
Character height
Count value: 10 mm (white)
Set value: 6 mm (green)
Digits
6 digits
-99999 to 999999
(-5 digits to +6 digits)
6 digits
-99999 to 999999 (-5 digits to +6 digits),
tachometer: 0 to 999999
Memory backup
Non-volatile memory (overwrites: 100,000 times min.) that can store data for 10 years min.
Operating temperature range
-10 to 55
°C (-10 to 50°C if Counter/Tachometers are mounted side by side) (with no icing or condensation)
Storage temperature range
-25 to 70
°C (with no icing or condensation)
Operating humidity range
25% to 85%
Case color
Black (N1.5)
Attachments
---
Flush mounting adapter, waterproof packing, terminal cover
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com