Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11 Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # H7CC-R11
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11 Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button H7CC-R11 Datasheet HTML 45Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 46Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 47Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 48Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 49Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 50Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 51Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 52Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
H7CC-R
@
49
Operating Procedures
Parameters can be set with the operation keys on the front panel.
Refer to the following for the detailed procedure.
Step1
(AMD compatible)
amd
The H7CC-R
@ is a Counter that contains more than one functional counter.
When using the Counter in any mode other than the default mode, use the following chart to enter
Configuration Selection Mode and set the functions that are suitable to the application. (Default mode: Tachometer)
(Tachometer)
Select the function using the UP1 Key (DW1 Key). (H7CC-R11
@ only)
taco
func
UP1+UP6
or
DW1+DW6
(Press and hold for 2 s)
Run mode
Power ON
Configuration
selection mode
• Set the decimal point position using the UP1 Key (DW1 Key).
Decimal point
position
(DP)
(No decimal point) (One digit after
decimal point)
(Two digits after
decimal point)
(Three digits after
decimal point)
10khz
cnts
*1. In the case of the -R11W@ type,
set the tachometer output mode 1 or 2
with the UP or DOWN Key.
*2
*1
UP1+UP3 or DW1+DW3
(Press and hold for 2 s)
UP1+UP3 or DW1+DW3
(Press and hold for 2 s)
Run mode
Power ON
*1
Function
setting mode
* Use UP1+UP3 to move up and
DW1+DW3 to move down
*
(10 ms)
(1 ms)
*
*
*
Step2
*
(99.999)
(1.000)
(0.001)
To
next page
From
next page
Prescale value
(PSCL)
Parameters are set with the operation keys on the front panel.
Change to Function Setting Mode.
(LO)
(HI)
(LO)
(HI)
(30 Hz)
(10 kHz)
The characters displayed in reverse video are the default settings.
In the function setting mode, the status indicator of the keys that can be set lights up.
(Example) In the case of the prescale value (PSCL)
A value from 0.001 to 99.999 can be set, and therefore, the status indicator
of the UP1 Key to UP5 Key (DW1 Key to DW5 Key) lights up.
hilo
30hz
area
hihi
10ms
1ms
lolo
lo
hi
lo
hi
0.001
99.999
1.000
(AREA)
(HI-HI)
(LO-LO)
(HI-LO)
In the case of AMD compatibility
*1 If the mode is switched to the function setting mode during operation, operation will continue.
*2 Changes made to settings in function setting mode are enabled for the first time when the
mode is changed to run mode. Also, when settings are changed, the counter is reset
(present value initialized and output turned OFF) on returning to run mode.
Tachometer
output
mode 1
(TO1M)
Tachometer
output
mode 2
(TO2M)
Tachometer
output mode
(TOTM)
• Set the tachometer output mode using the UP1 Key (DW1 Key).
Counting
speed
(CNTS)
• Set the counting speed using the UP1 Key (DW1 Key).
Note: The indicator display is disabled during the upper or lower
limit setting.
1000
pscl
For details on operations in run mode, refer to page 55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com