Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # H7CC-R11
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button H7CC-R11 Datasheet HTML 31Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 32Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 33Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 34Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 35Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 36Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 37Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 38Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
35
H7CC-A
@
tachometer
Startup Time (stmr)
To prevent undesired outputs resulting from unstable inputs
immediately after the power supply is turned ON, it is possible to
prohibit measurement for a set period of time, the startup time.
It can also be used to stop measurements and disable outputs until
the rotating body reaches the normal rate of rotation, after the power
supply to the H7CC and rotating body are turned ON at the same
time.
NPN/PNP Input Mode (imod)
Select either NPN input (no-voltage input) or PNP input (voltage
input) as the input format.
When using a two-wire sensor, select NPN input. The same setting is
used for all external inputs.
For details on input connections, refer to Input Connections on page
9.
Peak/bottom Hold Enabled (dhld)
This function records the peak and bottom (i.e., minimum) after
counting starts (after turning ON the power supply or changing the
configuration selection mode or function setting). The peak value is
also held when the power supply is interrupted.
Output Hysteresis (hys)
This setting can be used to prevent output chattering if the
measurement value fluctuates slightly near the set value.
The measurement value after prescaling is set.
Output OFF Delay (offd)
This function delays the timing for turning OFF comparative output by
a certain time.
The ON time can be held for the set time if the comparative result
changes in a short time.
Operation will continue and outputs will not change when holding the
value.
Set Value Upper Limit (sl-h)
Set the upper limit for the set value when it is set in run mode. The
limit can be set to between 1 and 999999.
Key Protect Level (kypt)
Set the key protect level.
Refer to Key Protect Level on page 40.
Pulse Cycle Measurement/Pulse Width Measurement
(calm)
Set the measurement mode to pulse cycle measurement or pulse
width measurement.
With pulse cycle measurement, the number of pulse cycles that occur
in 1 s is measured.
With pulse width measurement, the ON time for one pulse is
measured.
An input OFF period of at least 20 ms is required for pulse width
measurement.
If there is no input pulse during pulse width measurement, the
previously measured value will be held.
Display Unit (unit)
When pulse cycle measurement is used, set the display unit to Hz
(hertz) or s (seconds).
Counting Interval (intv)
If the measurement speed is 10 kHz when pulse cycle measurement
is used, set the measurement interval to 200 ms or Cont (10 ms min.).
ON Count Alarm Set Values for Outputs 1 and 2 (OUT1
and OUT2) (on1a and on2a)
The output ON count for notifying the replacement time can be set.
For details, refer to page 41.
ON Count Monitor Values for Outputs 1 and 2 (OUT1 and
OUT2) (on1c and on2c)
The monitor value for output 1 and 2 (OUT1 and OUT2) is only
displayed. It cannot be set.
The output ON count will be 1,000 times the displayed value.
Output Allocation (Settings applicable to only H7CC-
@W(U)@) (otst)
Set the allocation of outputs 1 and 2 (OUT1 and OUT2). If output
allocation is OFF, output 1 (OUT1) is allocated to terminals (12) and
(13), and output 2 (OUT2) is allocated to terminals (3), (4), and (5). If
output allocation is ON, output 1 (OUT1) is allocated to terminals (3),
(4), and (5), and output 2 (OUT2) is allocated to terminals (12) and
(13).
Output inversion (ot1i, ot2i)
Set logical inversion of output ON/OFF. In the case of two outputs, it
is possible to individually set output inversion for each of output 1 and
output 2 (OUT1 and OUT2). If output inversion is n-o (Normally
Open), the output turns ON when the set value is reached. If output
inversion is n-c (Normally close), the output turns OFF when the set
value is reached.
Startup time
Display
Time
Comparison value
(lower limit)
Output
(lower limit)
Power supply
OUTX1
OUTY2
Display value
Comparison value 2
Hysteresis
Hysteresis
Comparison value 1
Set the hysteresis for when
the output turns OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com