Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11 Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # H7CC-R11
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11 Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button H7CC-R11 Datasheet HTML 24Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 25Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 26Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 27Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 28Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 29Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 30Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 31Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
28
H7CC-A
@
Counter
Note: 1. Counting cannot be performed during reset/reset 1 input.
2. If reset/reset 1 is input while one-shot output is ON, one-shot output turns OFF.
3. If there is power interruption while output is ON, output will turn ON again when the power supply has recovered, if memory backup is
enabled.
For one-shot output, output will turn ON again for the duration of the output time setting once the power supply has recovered.
4. Do not use the counter function in applications where the count may be completed (again) while one-shot output is ON.
5. The set value is from
−99999 to 999999.
One-shot
output
Self-holding
output
Instantaneous
(equals) output
(The one-shot output time can be
set in the range 0.01 to 99.99s.)
Input mode
Operation after count
completion
UP/DOWN A, B, C
Output
mode
setting
K-2
The display continues to
increase/decrease until the
overflow or underflow value is
reached.
One-shot output only.
D
The display continues to
increase/decrease until the
overflow or underflow value is
reached.
The outputs are ON while the
count is equal.
L
The display continues to
increase/decrease until the
overflow or underflow value is
reached.
OUT1 is held while the
present value is less than or
equal to set value 1.
OUT2 is held while the
present value is greater than
or equal to set value 2.
H
The display continues to
increase/decrease until the
overflow or underflow value is
reached.
OUT1 is held while the
present value is greater than
or equal to set value 1.
OUT2 is held while the
present value is greater than
or equal to set value 2.
* H mode is available only
when using a model as a 2-
stage counter.
0
−99999
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
−99999
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
−99999
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
−99999
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com