Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11 Datasheet(PDF) 45 Page - Omron Electronics LLC

Part # H7CC-R11
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11 Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button H7CC-R11 Datasheet HTML 41Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 42Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 43Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 44Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 45Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 46Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 47Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 48Page - Omron Electronics LLC H7CC-R11 Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
H7CC-R
@
45
Input Connections
The inputs of the H7CC-R are no-voltage (short-circuit or open) inputs or voltage inputs. They are set for use as voltage inputs at the time of
delivery.
No-voltage Inputs (NPN Inputs)
No-voltage Input Signal Levels
Note: The DC voltage must be 30 VDC max.
Voltage Inputs (PNP Inputs)
Voltage Input Signal Levels
Open Collector
Voltage Output
Contact Input
DC Two-wire Sensor
3
5
4
7
6
3
---
---
6
5
H7CC-R11
@
H7CC-R11W
@
PLC or
sensor
Note: Operates when the transistor turns ON.
3
5
4
7
6
3
6
5
H7CC-R11
@
H7CC-R11W
@
---
---
Sensor
Note: Operates when the transistor turns ON.
3
5
4
7
6
3
6
5
H7CC-R11
@
H7CC-R11W
@
---
---
Note: Operates when the contact turns ON.
3
5
4
7
6
3
6
5
H7CC-R11
@
H7CC-R11W
@
---
---
Note: Operates when the transistor turns ON.
No-contact
input
Short-circuit level (Transistor ON)
• Residual voltage: 3 V max.
• Impedance when ON: 1 k
Ω max.
(The leakage current is approx. 12 mA when the impedance is 0
Ω.)
Open level (Transistor OFF)
• Impedance when OFF: 100 k
Ω min.
Contact in-
put
Use contacts which can adequately switch 5 mA at 10 V.
Applicable Two-wire Sensor
• Leakage current: 1.5 mA max.
• Switching capacity: 5 mA min.
• Residual voltage: 3 VDC max.
• Operating voltage: 10 VDC
No-contact Input (NPN Transistor)
No-contact Input (PNP Transistor)
Contact Input
3
5
4
7
6
3
6
5
H7CC-R11
@
H7CC-R11W
@
---
---
Sensor
Note: Operates when the transistor turns ON.
3
5
4
7
6
3
6
5
H7CC-R11
@
H7CC-R11W
@
---
---
Sensor
Note: Operates when the transistor turns ON.
3
5
4
7
6
3
6
5
H7CC-R11
@
H7CC-R11W
@
---
---
Note: Operates when the contact turns ON.
High level (Input ON): 4.5 to 30 VDC
Note: 1. The DC voltage must be 30 VDC max.
2. Input resistance: Approx. 4.7 k
Ω
Low level (Input OFF): 0 to 2 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com