Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSP5032 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # RFSP5032
Description  5 GHz 802.11a WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  RFSP5032 Datasheet HTML 1Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 2Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 3Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.4
04/2006
RFS P5032
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is
not implied under these conditions. Exposure to absolute ratings for extended periods of time
may adversely affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is
guaranteed only over the conditions defined in the electrical specifications.
Note:
(1) Applied to series resistors external to VPC pins.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
V
(
y
l
p
p
u
S
r
e
w
o
P
C
D
C
C
,V
1
C
C
,V
2
C
C
)-
0
.
4
+V
V
(
l
e
v
e
L
l
o
r
t
n
o
C
r
e
w
o
P
1
C
P
,V
2
C
P
)-
0
.
4
+V
s
r
o
t
s
i
s
e
r
s
e
i
r
e
s
o
t
d
e
il
p
p
A
V
o
t
l
a
n
r
e
t
x
e
C
P
F
R
o
N
.
s
n
i
p
.
d
e
il
p
p
a
l
a
n
g
i
s
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C
C
D-
0
0
7A
m
F
R
(
l
e
v
e
L
t
u
p
n
I
F
R
N
I
)-
0
m
B
d
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
O0
4
-5
8
+C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
5
-0
5
1
+C
°
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
)
f
(
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O0
0
9
4-
0
0
9
5
z
H
M
a
1
1
.
2
0
8
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C
,V 1
C
C
,V 2
C
C
)0
.
3
+3
.
3
+6
.
3
+V
V
(
e
g
a
tl
o
V
l
o
r
t
n
o
C
r
e
w
o
P
C
P
)
8
.
2
+
0
3
.
3
+
-
6
.
3
+
5
.
0
+
V
"
N
O
"
A
P
)
1
(
"
N
W
O
D
T
U
H
S
"
A
P
)
1
(
T
(
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
C
)0
4
--
5
8
+C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com