Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSP5032 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # RFSP5032
Description  5 GHz 802.11a WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  RFSP5032 Datasheet HTML 1Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 2Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 3Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
04/2006
RFS P5032
5 GHz 802.11a
WLAN PowerAmplifier
PRELIMINARY DATA SHEET - Rev 1.4
S32 Package
12 Pin 3 mm x 3 mm x 0.9 mm
LPCC
FEATURES
•
3.5% EVM @ POUT = +19 dBm with IEEE
802.11a 64 QAM OFDM at 54 Mbps
•
24.5 dB of Linear Power Gain at 5 GHz
•
Single +3.3 V Supply
•
3 mm x 3 mm x 0.9 mm LPCC
•
< 1 dB Gain Variation From 4.9 - 5.9 GHz
•
25 dBm P1dB
•
170 mA @ POUT = +19 dBm
•
RoHS Compliant
•
MSL 1 Rating
APPLICATIONS
•
802.11a WLAN
•
5 GHz Wireless Video Distribution
PRODUCT DESCRIPTION
The ANADIGICS RFS P5032 power amplifier is a
high performance InGaP HBT power amplifier IC
designed for transmit applications in the 4.9-5.9
GHz bands. The PA exhibits unparalleled linearity
and efficiency for IEEE 802.11a WLAN systems
under the toughest signal configurations within
these standards. The PA is biased by a single +3.3 V
supply and consumes ultra-low current in the OFF
mode.
Figure 1: Block Diagram and Pinout
The RFS P5032 is manufactured using advanced
InGaP HBT technology that offers state-of-the-art
reliability, temperature stability and ruggedness. The
IC is RoHS (Restrictions on Hazardous Substances)
compliant, and is provided in a 3 mm x 3 mm x 0.9 mm
LPCC package optimized for a 50
Ω system.
1
2
3
10
11
12
9
8
7
6
5
4
RF OUT
GND
RF IN
GND
Matching
Netw ork
Bias Control
Matching
Netw ork
RF OUT
RF OUT
Bias Control


Similar Part No. - RFSP5032

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP5022 ANADIGICS-RFSP5022 Datasheet
73Kb / 4P
5.15-5.85 GHz U-NII Power Amplifier
05/2003
More results

Similar Description - RFSP5032

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 1.3
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
5-GHz WLAN Power Amplifier for 802.11a
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
802.11a 5GHz WLAN Power Amplifier
logo
ANADIGICS, Inc
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
802.11a/n WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
High Power 5 GHz WLAN Power Amplifier
TQP787011 TRIQUINT-TQP787011_15 Datasheet
232Kb / 1P
802.11a 5GHz WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY65137-11 SKYWORKS-SKY65137-11 Datasheet
2Mb / 14P
Power Amplifier for 802.11a WLAN Applications
March 25, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com