Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSP5032 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # RFSP5032
Description  5 GHz 802.11a WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  RFSP5032 Datasheet HTML 1Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 2Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 3Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.4
04/2006
RFS P5032
Table 4: Electrical Specifications - Continuous Wave
(TC = +25 °C, VCC = +3.3 V, VPC = +3.3 V)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
B
d
1
P4
25
2-
m
B
d
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S-
-
5
mA
V
0
=
s
a
i
B
z
H
G
5
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q7
75
83
9A
mV C
P
V
,
V
3
.
3
+
=
C
C
ff
O
=
F
R
,
V
3
.
3
+
=
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I-
5
1
-0
1
-B
dti
u
c
r
i
c
n
o
it
a
c
il
p
p
a
h
ti
w
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O-
5
1
-0
1
-B
dti
u
c
r
i
c
n
o
it
a
c
il
p
p
a
h
ti
w
n
o
it
a
l
o
s
I
e
s
r
e
v
e
R0
30
4-
B
d
)
s
u
o
ir
u
p
S
(
y
ti
li
b
a
t
S-
5
6
-0
6
-c
B
dP
,
R
W
S
V
1
:
6
T
U
O
0
4
-
;
m
B
d
2
2
+
=
O
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com