Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSP5032 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # RFSP5032
Description  5 GHz 802.11a WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button RFSP5032 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 9Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 10Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 11Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.4
04/2006
RFS P5032
9
APPLICATION INFORMATION
Figure 7: Application Circuit
RF
OUT
RF
IN
GND
GND
RFS
P5032
**NOTES**
2. DC traces should be 8 mils wide with 10 mils of clearance.
1. RF traces should be 18 mils wide with 20 mils of clearance.
3. Trace widths and clearances apply to application
circuit on 10 mil FR4.
4. Pins 1 and 3 should be tied directly to PCB ground pattern
under the power amplifier, and should form a coplanar
waveguide for the RF In. Ground should also provide a
coplanar waveguide for the RF Out.
C10
16 V
10
µF
±20 %
C2
C13
C4
0.1
µF
±10 %
R4
30.1
±1 %
C7
+
C3
4.7 pF
±0.25 pF
C11
10 pF
±0.5 pF
C14
0.1
µF
±10 %
1.5 pF
±0.25 pF
Stub
30 mils
x
115 mils
0.1
µF
±10 %
C6
0.1
µF
±10 %
Stub
30 mils
x
90 mils
45 mils
1.5 pF
±0.25 pF
R1
255
±1 %
R2
750
±1 %
C8
1000 pF
±10 %
170 mils
L1
2.7 nH
±0.3 nH
R9
2.74 K
±1 %
Q2
Q1
2
3
1
4
C1
E1
C2
E2
2
3
1
IN
OUT
GND
VCC
2
3
1
8
7
9
Philips BCV62 or
Equivalent
Rohm DTC143EE or
Equivalent
On/Off
Current-Fixing Circuit
RF IN
RF OUT
RF OUT
RF OUT
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com