Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSP5032 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # RFSP5032
Description  5 GHz 802.11a WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  RFSP5032 Datasheet HTML 1Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 2Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 3Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.4
04/2006
RFS P5032
Table 1: Pin Description
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1D
N
G
e
l
b
i
s
s
o
p
t
s
e
t
r
o
h
s
e
h
t
g
n
i
s
u
C
I
r
e
d
n
u
n
r
e
t
t
a
p
d
n
u
o
r
g
B
C
P
o
t
y
lt
c
e
r
i
d
t
c
e
n
n
o
C
.
d
n
u
o
r
G
.
h
t
a
p
2F
R N
I
0
5
o
t
d
e
h
c
t
a
m
r
e
if
il
p
m
a
r
e
w
o
p
o
t
t
u
p
n
i
F
R
.
t
u
p
n
I
F
R
V
e
d
i
u
g
e
v
a
w
r
a
n
a
l
p
o
c
s
a
e
t
u
o
R
.
t
n
u
h
s
h
t
i
w
d
e
h
c
t
a
m
e
c
n
a
d
e
p
m
i
y
ll
a
m
it
p
o
e
b
n
a
c
t
u
p
n
i
F
R
.
s
n
i
p
d
n
u
o
r
g
t
n
e
c
a
j
d
a
g
n
i
s
u
.
r
o
t
i
c
a
p
a
c
b
u
t
s
s
w
o
h
s
t
i
u
c
r
i
c
n
o
it
a
c
il
p
p
A
.
r
o
t
i
c
a
p
a
c
3D
N
G
e
l
b
i
s
s
o
p
t
s
e
t
r
o
h
s
e
h
t
g
n
i
s
u
C
I
r
e
d
n
u
n
r
e
t
t
a
p
d
n
u
o
r
g
B
C
P
o
t
y
lt
c
e
r
i
d
t
c
e
n
n
o
C
.
d
n
u
o
r
G
.
h
t
a
p
4V 1
C
P
r
o
f
s
i
e
s
u
d
e
d
n
e
m
m
o
c
e
r
e
h
T
.
1
e
g
a
t
s
r
o
f
n
i
p
l
o
r
t
n
o
c
s
a
i
b
r
e
if
il
p
m
a
r
e
w
o
P
.l
o
r
t
n
o
C
r
e
w
o
P
V
3
.
3
+
;
f
f
o
y
l
e
t
e
l
p
m
o
c
r
e
if
il
p
m
a
n
r
u
t
ll
i
w
d
e
il
p
p
a
V
0
,
y
ll
a
n
i
m
o
N
.
A
P
e
h
t
f
o
l
o
r
t
n
o
c
f
f
o
/
n
o
r
e
w
o
p
t
u
p
t
u
o
m
u
m
i
x
a
m
t
A
.
y
t
il
i
b
a
p
a
c
t
u
p
t
u
o
m
u
m
i
x
a
m
o
t
r
e
if
il
p
m
a
t
e
s
o
t
d
e
s
u
e
b
d
l
u
o
h
s
d
e
s
u
s
i
r
o
t
s
i
s
e
r
s
e
i
r
e
s
A
.
t
n
e
r
r
u
c
f
o
A
m
2
o
t
1
y
l
e
t
a
m
i
x
o
r
p
p
a
w
a
r
d
ll
i
w
n
i
p
s
i
h
t
,
y
t
il
i
b
a
p
a
c
.
A
P
e
h
t
f
o
l
e
v
e
l
s
a
i
b
ll
a
r
e
v
o
e
h
t
g
n
il
l
o
r
t
n
o
c
y
b
e
r
e
h
t
,
n
i
p
e
h
t
o
t
n
i
w
o
lf
t
n
e
r
r
u
c
e
h
t
t
e
s
o
t
5D
N
G
e
l
b
i
s
s
o
p
t
s
e
t
r
o
h
s
e
h
t
g
n
i
s
u
C
I
r
e
d
n
u
n
r
e
t
t
a
p
d
n
u
o
r
g
B
C
P
o
t
y
lt
c
e
r
i
d
t
c
e
n
n
o
C
.
d
n
u
o
r
G
.
h
t
a
p
6V 2
C
P
r
o
f
s
i
e
s
u
d
e
d
n
e
m
m
o
c
e
r
e
h
T
.
2
e
g
a
t
s
r
o
f
n
i
p
l
o
r
t
n
o
c
s
a
i
b
r
e
if
il
p
m
a
r
e
w
o
P
.l
o
r
t
n
o
C
r
e
w
o
P
V
3
.
3
+
;
f
f
o
y
l
e
t
e
l
p
m
o
c
r
e
if
il
p
m
a
n
r
u
t
ll
i
w
d
e
il
p
p
a
V
0
,
y
ll
a
n
i
m
o
N
.
A
P
e
h
t
f
o
l
o
r
t
n
o
c
f
f
o
/
n
o
r
e
w
o
p
t
u
p
t
u
o
m
u
m
i
x
a
m
t
A
.
y
t
il
i
b
a
p
a
c
t
u
p
t
u
o
m
u
m
i
x
a
m
o
t
r
e
if
il
p
m
a
t
e
s
o
t
d
e
s
u
e
b
d
l
u
o
h
s
o
t
d
e
s
u
s
i
r
o
t
s
i
s
e
r
s
e
i
r
e
s
A
.
t
n
e
r
r
u
c
f
o
A
m
2
o
t
1
s
a
h
c
u
m
s
a
w
a
r
d
ll
i
w
n
i
p
s
i
h
t
,
y
t
il
i
b
a
p
a
c
.
A
P
e
h
t
f
o
l
e
v
e
l
s
a
i
b
ll
a
r
e
v
o
g
n
it
t
e
s
e
r
o
f
e
r
e
h
t
,
n
i
p
e
h
t
o
t
n
i
w
o
lf
t
n
e
r
r
u
c
e
h
t
t
e
s
9
,
8
,
7F
R
T
U
O
h
t
i
w
d
e
h
c
t
a
m
e
c
n
a
d
e
p
m
i
y
ll
a
m
it
p
o
e
b
n
a
c
r
e
if
il
p
m
a
r
e
w
o
p
f
o
t
u
p
t
u
o
F
R
.
t
u
p
t
u
O
F
R
b
u
t
s
s
w
o
h
s
t
i
u
c
r
i
c
n
o
it
a
c
il
p
p
A
.
y
t
i
r
a
e
n
il
m
u
m
i
x
a
m
g
n
il
b
a
n
e
r
o
t
i
c
a
p
a
c
t
n
u
h
s
l
a
n
o
it
i
d
d
a
F
R
n
a
h
g
u
o
r
h
t
r
o
t
s
i
s
n
a
r
t
r
e
w
o
p
e
g
a
t
s
d
r
3
e
h
t
s
a
i
b
o
t
d
e
s
u
o
s
l
a
s
i
n
i
p
s
i
h
T
.
r
o
t
i
c
a
p
a
c
.
r
o
t
c
u
d
n
i
e
k
o
h
c
0
1V C
C
.
s
e
g
a
t
s
ll
a
n
o
y
r
t
i
u
c
r
i
c
l
o
r
t
n
o
c
s
a
i
b
r
o
f
d
e
e
f
s
a
i
B
n
i
a
M
.
e
g
a
tl
o
V
y
l
p
p
u
S
1
1V
2
C
C
.
V
3
.
3
+
o
t
t
e
s
y
ll
a
c
i
p
y
T
.
2
e
g
a
t
s
f
o
r
o
t
s
i
s
n
a
r
t
r
e
w
o
p
r
o
f
s
a
i
B
.
e
g
a
tl
o
V
y
l
p
p
u
S
2
1V
3
C
C
.
V
3
.
3
+
o
t
t
e
s
y
ll
a
c
i
p
y
T
.
1
e
g
a
t
s
f
o
r
o
t
s
i
s
n
a
r
t
r
e
w
o
p
r
o
f
s
a
i
B
.
e
g
a
tl
o
V
y
l
p
p
u
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com