Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSP5032 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # RFSP5032
Description  5 GHz 802.11a WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button RFSP5032 Datasheet HTML 2Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 3Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 9Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.4
04/2006
RFS P5032
Figure 2: Gain, ICC and EVM vs. Output Power Across Frequency (VCC = +3.3V, TC = +25oC)
802.11a 54 Mbps OFDM
PERFORMANCE DATA
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Gain 4.90 GHz
Gain 5.25 GHz
Gain 5.55 GHz
Gain 5.85 GHz
EVM 4.90 GHz
EVM 5.25 GHz
EVM 5.55 GHz
EVM 5.85 GHz
Current 4.90 GHz
Current 5.25 GHz
Current 5.55 GHz
Current 5.85 GHz
Gain
Current
EVM
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Gain 3.0V
Gain 3.3V
Gain 3.6V
EVM 3.0V
EVM 3.3V
EVM 3.6V
Current 3.0V
Current 3.3V
Current 3.6V
Gain
Current
EVM
Figure 3: Gain, ICC and EVM vs. Output Power Across Power Supply Voltage (Freq = 5.25GHz, TC = +25oC)
802.11a 54 Mbps OFDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com