Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063FLAEX Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PI2DPX2063FLAEX
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063FLAEX Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PI2DPX2063FLAEX Datasheet HTML 4Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 5Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 6Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 7Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 8Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 9Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 10Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 11Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
8
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
D3 Power Saving Mode
Standby Mode
Active Mode
Power-up
Enter D3
Aux Cmd
HPD low
for >tHPD
HPD low
for >tHPD
HPD high
Aux link
training
started
Exit D3
Aux Cmd
Figure 2. DisplayPort Operation Modes
DisplayPort Main Link
The electrical sub-block of a DP Main-Link consists of up to four differential pairs. The DP TX drives doubly terminated, AC-coupled
differential pairs in a manner compliant with the Main-Link Transmitter electrical specification.
Table 2. Description of DP Operating Mode
PM_State
Mode
Description
1
Standby Mode
Low power consumption (AUX listener is OFF); Main Link outputs are disabled
2
Active Mode
Data transfer (normal operation);
AUX listener is active. The AUX listener is actively monitoring for Link Training unless it is
disabled through I2C interface. After power-up and in active mode, all Main Link outputs are
enabled. AUX Link Training is necessary to overwrite the DPCD registers to enable/disable
Main Link outputs.
3
D3 Power Saving Mode Low power consumption(AUX listener is active); Main Link outputs are disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com