Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063FLAEX Datasheet(PDF) 27 Page - Diodes Incorporated

Part # PI2DPX2063FLAEX
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063FLAEX Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button PI2DPX2063FLAEX Datasheet HTML 23Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 24Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 25Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 26Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 27Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 28Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 29Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 30Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
27
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
BYTE 15 (LFPS Detector Monitor and Channel Power Down Monitor)
Bit
Type
Power-up Condition
Comment
7
RO
N/A
CON3_USB_LFPS#
Has meaning for USB3.x application
only. CONx_USB_LFPS#
0-LFPS data
1-5/10Gbps USB3.x data
6
RO
N/A
CON2_USB_LFPS#
5
RO
N/A
CON1_USB_LFPS#
4
RO
N/A
CON0_USB_LFPS#
3
RO
N/A
PD_CON3_MON
Monitors the PD condition of each
channel.
2
RO
N/A
PD_CON2_MON
1
RO
N/A
PD_CON1_MON
0
RO
N/A
PD_CON0_MON
BYTE 16 (AUX and HPD Monitor)
Bit
Type
Power-up Condition
Comment
7
RO
N/A
Reserved
6
RO
N/A
Reserved
5
RO
N/A
AUX_IDLE_DET#
Detect the AUX activities
“0” – Idle
“1” – has activities
4
RO
N/A
DP_HPD
The condition of IN_HPD
0 – De-asserted
1 – Asserted
Notes: When DP_HPD_PIN_EN#=1, then, this value is 1 always.
3
RO
N/A
AP0_RX_SEL
“0” AP0 is TX terminal. “1” AP0 is RX terminal
2
RO
N/A
AP3_RX_SEL
“0” AP3 is TX terminal. “1” AP3 is RX terminal
1
RO
N/A
CON0_RX_SEL
“0” CON0 is TX terminal. “1” CON0 is RX terminal
0
RO
N/A
CON3_RX_SEL
“0” CON3 is TX terminal. “1” CON3 is RX terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com