Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063FLAEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX2063FLAEX
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063FLAEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX2063FLAEX Datasheet HTML 1Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 2Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 3Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 4Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 5Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 6Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 7Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 8Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Ordering Number
Package Code Description
PI2DPX2063FLAEX
FLA
32-Pin, W-LGA4528-32
Notes:
1. E = Pb-free and Green
2. X suffix = Tape/Reel
A Product Line of
Diodes Incorporated
PI2DPX2063
b
P
Lead-free Green
Ordering Information
Features
y
4-to-4 Linear ReDriver™ Channel Configuration with CTLE
Gain Compensation up to 16dB @20Gbps
y
Supports4-laneDP2.0(UHBR20/UHBR13/UHBR10)/HDBR3/
HBR2/RBR
y
Ultra low Latency (< 300ps) for better Interoperability and
Data throughput
y
Individual Controls on CTLE Gain (6 to 16.2dB), Flat Gain
(-4 to +2dB)
y
Integrated AUX Channel Listener for D3 Power Saving Mode
y
I2C Slave Support with Speed up to 1MHz
y
Low Power - DisplayPort Active (<350mW), D3 Power Down
Mode (1.8mW)
y
Single Power Supply: 1.8V +/-5%
y
Industrial Temperature Support: -40oC to +85oC
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
Forautomotiveapplicationsrequiringspecificchangecontrol
(i.e. partsqualifiedtoAEC-Q100/101/104/200,PPAPcapable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
y
Packaging (Pb-free & Green):
à
Tiny 32-pin, WLGA, 2.85 x 4.5 mm (0.4 mm pitch) (FLA)
Applications
y
Laptop, Desktop and AIO PCs
y
Workstation and Server
y
Docking Station
y
Display Monitor
y
Gaming Console
y
Active Cable
Description
The DIODES™ PI2DPX2063 is a 20Gbps DP2.0/DP1.4 linear Re-
Driver in a 4-to-4 configuration operated by a 1.8v power sup-
ply. The device supports UHBR20 (DP2.0 20Gbps), UHBR13.5
(DP2.0 13.5Gbps), UHBR10 (DP2.0 10Gbps), HBR3 (DP1.4
8.1Gbps), HBR2 (DP1.2 5.4Gbps), HBR(DP1.1 2.7Gbps) and
RBR(DP1.0 1.62Gbps) under various DisplayPort speeds. With
the on-chip AUX channel listener, the device can automatically
monitor the system operation status to enter D3 power saving
mode.
The non-blocking linear ReDriver design ensures that the dif-
ferential signals conveying pre-shoot and de-emphasis equal-
ization waveforms from the transmitter side to the receiver side
help optimize the overall channel link adjustment conducted by
the system transmitter and receiver that has been equipped with
DFE. The CTLE equalizers are implemented at the inputs of the
ReDriver to compensate the channel loss and reduce the ISI jit-
ters. The programmable flat gain adjustments support the eye
diagram opening.
The CTLE EQ gains and flat gains are individually programma-
ble on each channel for flexible tuning via I2C register settings.
ReDriver is a trademark of Diodes Incorporated.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
DIODES is a trademark of Diodes Incorporated in the United States and other countries.
The Diodes logo is a registered trademark of Diodes Incorporated in the United States and other countries.


Similar Part No. - PI2DPX2063FLAEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX2063A DIODES-PI2DPX2063A Datasheet
435Kb / 1P
1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & I2C Control
Rev 3-2 June 2024
PI2DPX2063A DIODES-PI2DPX2063A Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
PI2DPX2063AFLAEX DIODES-PI2DPX2063AFLAEX Datasheet
435Kb / 1P
1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & I2C Control
Rev 3-2 June 2024
More results

Similar Description - PI2DPX2063FLAEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
PI2EQX510E PERICOM-PI2EQX510E Datasheet
610Kb / 1P
1.8V 5.0Gbps, 1-Channel, USB3.0 ReDriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A_V01 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com