Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063FLAEX Datasheet(PDF) 18 Page - Diodes Incorporated

Part # PI2DPX2063FLAEX
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063FLAEX Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button PI2DPX2063FLAEX Datasheet HTML 14Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 15Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 16Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 17Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 18Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 19Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 20Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 21Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
18
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
Symbol
Parameter
Conditions
This Silicon
Fast-Mode Plus
Units
Min.
Max.
Min.
Max.
Cb
Capacitive load for each bus
line
550
550
pF
tVD;DAT
Data valid time
0.45
0.45
us
tVD;ACK
Data valid acknowledge time
0.45
0.45
us
VnL
Noise margin at the LOW
level
For each connected device
(including hysteresis)
0.1VDD
0.1VDD
V
VnH
Noise margin at the HIGH
level
For each connected device
(including hysteresis)
0.2VDD
0.2VDD
V
Characteristics of the SDA and SCL Bus Lines the Devices Cont.
Reference Electrical Specification and Timing (Extracted from I2C specification Rev2.6)
Characteristics of the SDA and SCL I/O Stages
Symbol Parameter
Conditions
Standard-Mode
Fast-Mode
Fast-Mode Plus
Units
Min.
Max.
Min.
Max. Min. Max.
VIL
LOW-level input voltage(1)
-0.5
0.3VDD
-0.5
0.3VDD
-0.5
0.3VDD
V
VIH
HIGH-level input voltage(1)
0.7VDD
(2)
0.7VDD
(2)
0.7VDD(1)
(2)
V
Vhys
Hysteresis of Schmitt trigger
inputs
0.05VDD
0.05VDD
V
VOL1
LOW-level output voltage 1
Open-drain or open-
collector at 3mA sink
current; VDD > 2V
0
0.4
0
0.4
0
0.4
V
VOL2
LOW-level output voltage 2
Open-drain or open-
collector at 2mA sink
current(3); VDD ≤ 2V
0
0.2VDD
0
0.2VDD
V
IOL
LOW-level output current
VOL =0.4V
3
3
20
mA
VOL =0.6V(4)
6
tof
Output fall time from VIHmin
to VILmax
250(5) 20×(VDD
/5.5V)(6) 250
(5) 20×(VDD
/5.5V)(6) 120
(7)
ns
tSP
Pulse width of spikes that must
be suppressed by the input
filter
0
50(8)
0
50(8)
ns
Ii
Input current each I/O pin
0.1VDD <VI < 0.9VD-
Dmax
-10
+10
-10(9)
+10(9)
-10(9)
+10(9)
µA
Ci
Capacitance for each I/O pin(10)
10
10
10
pF
Note:
1. Some legacy Standard-mode devices had fixed input levels of VIL = 1.5V and VIH = 3.0V. Refer to component datasheet.
2. Maximum VIH = VDD(max) + 0.5V or 5.5V, which ever is lower. See component datasheet.
3. The same resistor value to drive 3mA at 3.0V VDD provides the same RC time constant when using <2V VDD with a smaller current draw.
4. In order to drive full bus load at 400kHz, 6mA IOL is required at 0.6V VOL. Parts not meeting this specification can still function, but not at 400kHz and 400pF.
5. The maximum tf for the SDA and SCL bus lines quoted in Table 10 (300ns) is longer than the specified maximum tof for the output stages (250ns). This allows series
protection resistors (RS) to be connected between the SDA/SCL pins and the SDA/SCL bus lines as shown in Figure 45 without exceeding the maximum specified tf.
6. Necessary to be backwards compatible with Fast-mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com