Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063FLAEX Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI2DPX2063FLAEX
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063FLAEX Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI2DPX2063FLAEX Datasheet HTML 5Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 6Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 7Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 8Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 9Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 10Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 11Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 12Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
9
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
Table 3. CTLE Equalization Gain (Typical Values at FG = 0dB)
I2C Register Setting EQ<2:0>
Equalizer Setting (dB)
EQ<2>
EQ<1>
EQ<0>
@1.35GHz
@2.5GHz
@4GHz
@5GHz
@10GHz
0
0
0
-0.1 (Default)
0.1 (Default)
0.7 (Default)
1.3 (Default)
6.0 (Default)
0
0
1
0.0
0.6
1.6
2.5
8.5
0
1
0
0.2
1.3
2.8
4.1
10.8
0
1
1
0.6
2.2
4.3
5.8
12.7
1
0
0
1.1
3.5
6.0
7.7
14.2
1
0
1
1.7
4.8
7.6
9.3
15.2
1
1
0
2.6
6.3
9.2
10.8
15.8
1
1
1
3.5
7.5
10.4
11.8
16.2
Note: F: Floating, R: External resistor to ground.
Table 4. Flat Gain Setting (FG)
I2C Register FG[1:0]
Flat Gain Setting
0
0
-4 dB
0
1
-2 dB
1
0
+0 dB (Default)
1
1
+2 dB
CTLE Equalization, Flat Gain and Chip Enable Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com