Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063FLAEX Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI2DPX2063FLAEX
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063FLAEX Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI2DPX2063FLAEX Datasheet HTML 9Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 10Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 11Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 12Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 13Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 14Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 15Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 16Page - Diodes Incorporated PI2DPX2063FLAEX Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
13
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
DisplayPort Electrical Specification
VTX-C
Common-Mode Voltage
| VTX-D+ + VTX-D- | /2
VDD-1V
VDD
V
VTX-AC-CM_
HBR_RBR
TX AC common mode voltage for
HRB and RBR
Measured using an 8b/10b
pattern with 50% transition
density
20
mVrms
VTX-AC-
CM_HBR2
TX AC common mode voltage for
HBR2
30
mVrms
VTX-DIFFp-p-
Level0
Differential peak-to-peak output
voltage swing Level 0
Tested with Pre-emphasis at
Level 0= 0dB
Level 1= 3.5dB
Level 2= 6.0 dB
0.34
0.4
0.46
V
VTX-DIFFp-p-
Level1
Differential peak-to-peak output
voltage swing Level 1
0.51
0.6
0.68
V
VTX-DIFFp-p-
Level2
Differential peak-to-peak output
voltage swing Level 2
0.69
0.8
0.92
V
Tj TX Total
Jitter
UHBR20(20Gbps) TP2
Measured at Transmit output.
Prechannel loss from 2.5dB
to 13dB
0.45
UI
UHBR13(13.5Gbps) TP2
0.45
UI
UHBR10(10Gbps) TP2
0.38
UI
HBR3 (8.1Gbps)
0.27
UI
HBR2 (5.4Gbps)
0.27
UI
HBR (2.7Gbps)
0.294
UI
RBR (1.62Gbps)
0.18
UI
AUX Listener Electrical Specification
Cin
Input capacitance at AUXP or
AUXN
10
pF
VT(AUX_lis-
tener)
Threshold of the AUX listener
VCC = 1.8V
100
220
mVPPd
Note:
1. Measured using a vector-network analyzer (VNA) with -30dBm power level applied to the adjacent input. The VNA detects the signal at the output of the victim
channel. All other inputs and outputs are terminated with 50Ω.
2. Subtract the channel gain from the total gain to derive the actual crosstalk
AC/DC Characteristics Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com