Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3R080 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R080
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R080 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  DOM40S3R080 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
1 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
1. PRODUCT OVERVIEW
GENERAL DESCRIPTION
The HFDOM40S3Rxxx series 40Pin Flash Disk Module is a flash technology based with True IDE interface flash
memory card. It is constructed with flash disk controller chip and NAND-type (Samsung) flash memory device. The
HFDOM40S3R-xxx series operates in both 3.3-Volt and 5.0-Volt power supplies. It comes in capacity of 16, 32, 48, 64, 80,
96, 128, 144, 160, 192,
208, 224, 256, 272,288, 320, 384 and up to 512MByte formatted 40Pin type .
By optimizing flash memory management, the life of this HFDOM40S3Rxxx series can be extended to its maximum level.
Because the ECC function is included, the correctness of data transfer between the HFDOM40S3Rxxx series and a True
IDE compatible interface device can be guaranteed.
The HFDOM40S3Rxxx series is fully compatible with applications such as CPU card / board, set top box, industry /
military PC / Notebook, security equipment, measuring instrument and embedded systems.
FEATURES
-
ATA / True IDE compatible host interface
-
ATA command set compatible
-
Automatic sensing of PC Card ATA or true IDE host interface.
-
Very high performance, very low power consumption
-
Automatic error correction
-
Auto Standby to save power consumption.
-
Supports power down commands and sleep modes.
-
Integrated PCMCIA attribute memory of 256 bytes (CIS)
-
Support for 8 or 16 bit host transfers
-
3.3V/5.0V operation voltage
-
Host Interface bus width : 8/16 bit Access
-
Flash Interface bus width : 8 bit Access
-
Capacity : Min. 16MB ~ Max. 512MB
-
MTBF > 1,000,000 hours.
-
Minimum 10,000 insertions.
-
Shock : 2,000 G max.
-
Vibration : 15 G peak to peak max.
PRODUCT SPECIFICATIONS
Capacities :
16, 32, 48, 64, 80, 96, 128, 144, 160, 192, 208, 224, 256, 272,288, 320, 384 and up to 512MB (formatted)
System Compatibility :
Please refer to the compatibility list of index.
Performance :
Host Data Transfer Rates :
up to 16.6 MB/sec, PIO mode 4; 16.6MB/sec
40Pin Flash Disk Module Min.16MB ~ Max.512MB,
True IDE Interface


Similar Part No. - DOM40S3R080

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
DOM40S3V016 HANBIT-DOM40S3V016 Datasheet
289Kb / 29P
40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
DOM40S3V032 HANBIT-DOM40S3V032 Datasheet
289Kb / 29P
40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
DOM40S3V048 HANBIT-DOM40S3V048 Datasheet
289Kb / 29P
40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
DOM40S3V064 HANBIT-DOM40S3V064 Datasheet
289Kb / 29P
40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
DOM40S3V080 HANBIT-DOM40S3V080 Datasheet
289Kb / 29P
40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
More results

Similar Description - DOM40S3R080

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40S3VXXX HANBIT-HFDOM40S3VXXX Datasheet
289Kb / 29P
40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
HFDOM40S6RXXX HANBIT-HFDOM40S6RXXX Datasheet
295Kb / 30P
40Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM40S6VXXX HANBIT-HFDOM40S6VXXX Datasheet
357Kb / 30P
40Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM44S3RXXX HANBIT-HFDOM44S3RXXX Datasheet
295Kb / 30P
44Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM44S3VXXX HANBIT-HFDOM44S3VXXX Datasheet
289Kb / 29P
44Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com