Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3R080 Datasheet(PDF) 29 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R080
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R080 Datasheet(HTML) 29 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3R080 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 29Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 30Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 31Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
29 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
which time BSY is cleared and an interrupt is generated.
If an error occurs during a write of more than one sector, writing terminates at the sector where the error occurs.
The Command Block Registers contain the cylinder, head and sector number of the sector where the error
occurred. The host may then read the command block to determinem what error has occurred, and on which sector.
Write Sector(s) without Erase – 38h
Bit->
7
6
5
4
3
2
1
0
Command(7)
38h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
LBA(15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
Sector Count
Feature(1)
X
Write Sector(s) without Erase
This command is similar to the Write Sector(s) command with the exception that an implied erase before write
operation is not performed. This command has the same protocol as the Write Sector(s) command. The sectors
should be pre-erased with the Erase Sector(s) command before this command is issued. If the sector is not pre-
erased with the Erase Sector(s) command, a normal write sector operation will occur.
Write Verify – 3Ch
Bit->
7
6
5
4
3
2
1
0
Command(7)
3Ch
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
LBA(15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
Sector Count
Feature(1)
X
Write Verify
This command is similar to the Write Sector(s) command, except each sector is verified immediately after being
written. This command has the same protocol as the Write Sector(s) command.
Summaries of the valid status and error value for all the ATA Command set Error and Status Register
Error Register
Status Register
Command
BBk
UNC
IDNF
ABRT
AMNF DRDY DWF
DSC
CORR ERR
CheckPowerMode
V
V
V
V
V
ExecuteDriveDiagnostic
V
V
V
V
Erase Sector(s)
V
V
V
V
V
V
Format Track
V
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com