Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3R080 Datasheet(PDF) 26 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R080
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R080 Datasheet(HTML) 26 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3R080 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 29Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 30Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
26 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
head and sector, including its Logical Address, and the Hot Count, if available, for that sector. Table 46 represents
the information in the buffer. Please note that this command is unique to the CompactFlash Storage Card.
Address Information
ADDRESS
Information
00h – 01h
Cylinder MSB (00), Cylinder LSB (01)
02h
Head
03h
Sector
04h – 06h
LBA MSB (04) – LSB (06)
07h – 12h
Reserved
13h
Erased Flag (ffh) = Erased; 00h = Not Erased
14h – 17h
Reserved
18h – 1Ah
Hot Count MSB (18) – LSB (1A)
1bh – 1ffh
Reserved
Note 1: A value of 0 indicates Hot Count is not supported.
Wear Level – F5h
Bit->
7
6
5
4
3
2
1
0
Command(7)
F5h
C/D/H(6)
X
X
X
Drive
Flag
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
Completion Status
Feature(1)
X
Wear Level
For the CompactFlash Storage Cards that do not support security mode feature set, this
command is effectively a NOP command and only implemented for backward compatibility. The Sector Count
Register will always be returned with a 00h indicating Wear Level is not needed. If the CompactFlash Storage Card
supports security mode feature set, this command shall be handled as Security Freeze Lock.
Write Buffer – E8h
Bit->
7
6
5
4
3
2
1
0
Command(7)
E8h
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com