Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3R080 Datasheet(PDF) 22 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R080
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R080 Datasheet(HTML) 22 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3R080 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
22 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
error codes for the CompactFlash Storage Card Series product. The extended error code is returned to the host in
the Error Register.
Extended Error Codes
Extended Error Code
Description
00h
No Error Detected
01h
Self Test OK ( No Error )
09h
Miscellaneous Error
20h
Invalid Command
21h
Invalid Address ( Requested Head or Sector Invalid )
2Fh
Address Overflow ( address Too Large )
35h , 36h
Supply or generated Voltage Out of Tolerance
11h
Uncorrectable ECC Error
18h
Corrected ECC Error
05h , 30-34h , 37h ,3Eh
Self Test or Diagnostic Failed
10h , 14h
ID Not Found
3Ah
Spare Sectors Exhausted
1Fh
Data Transfer Error / Aborted Command
0Ch , 38h , 3Bh , 3Ch , 3Fh
Corrupted Media Format
03h
Write / Erase Failed
22h
Power Level 1 Disabled
Seek –7X h
Bit->
7
6
5
4
3
2
1
0
Command(7)
7Xh
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
X (LBA 7 – 0)
Sec Cnt(2)
X
Feature(1)
X
Seek
This command is effectively a NOP command to the CompactFlash Storage Card although it does perform a range
check of cylinder and head or LBA address and returns an error if the address is out of range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com