Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3R080 Datasheet(PDF) 16 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R080
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R080 Datasheet(HTML) 16 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3R080 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
16 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
Erase or Write Multiple without Erase command. There is no data transfer associated with this
command but a Write Fault error status can occur.
Format Track - 50h
Bit->
7
6
5
4
3
2
1
0
Command(7)
50h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27-24)
Cyl High(5)
Cylinder High (LBA 23-16)
Cyl Low(4)
Cylinder Low (LBA 15-8)
Sec Num(3)
X (LBA 7-0 )
Sec Cnt(2)
Count (LBA mode only)
Feature(1)
X
Format Track
This command writes the desired head and cylinder of the selected drive with a vendor unique data pattern
(typically FFh or 00h).
To remain host backward compatible, the CompactFlash Storage Card expects a sector buffer of data from the
host to follow the command with the same protocol as the Write Sector(s) command although the information in the
buffer is not used by the CompactFlash Storage Card.
If LBA=1 then the number of sectors to format is taken from the SecCnt register (0=256). The use of this command
is not recommended.
Identify Drive - ECh
Bit->
7
6
5
4
3
2
1
0
Command(7)
ECh
C/D/H(6)
X
X
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Identify Drive
The Identify Drive command enables the host to receive parameter information from the
CompactFlash Storage Card. This command has the same protocol as the Read Sector(s)
command. The parameter words in the buffer have the arrangement and meanings defined in
Table . All reserved bits or words are zero. Table 40 is the definition for each field in the
Identify Drive Information.
Table: Identify Drive Information
Word
Address
Default
Value
Total
Bytes
Data Field Type Information
0
848Ah
2
General configuration – signature for the CompactFlash Storage Card
1
xxxxh
2
Default number of cylinders
2
0000h
2
Reserved
3
00xxh
2
Default number of heads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com