Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3R080 Datasheet(PDF) 18 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R080
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R080 Datasheet(HTML) 18 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3R080 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
18 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
Timer Count (5 mess increments)
Feature(1)
X
Idle
This command causes the CompactFlash Storage Card to set BSY, enter the Idle mode, clear
BSY and generate an interrupt. If the sector count is non-zero, it is interpreted as a timer count with each count
being 5 milliseconds and the automatic power down mode is enabled. If the sector count is zero, the automatic
power down mode is disabled. Note that this time base (5msec) is different from the ATA specification.
Idle Immediate – 95h or E1h
Bit->
7
6
5
4
3
2
1
0
Command(7)
95h or E1h
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Idle Immediate
This command causes the CompactFlash Storage Card to set BSY, enter the Idle mode, clear
BSY and generate an interrupt.
Initialize Drive Parameters – 91h
Bit->
7
6
5
4
3
2
1
0
Command(7)
91h
C/D/H(6)
X
0
X
Drive
Max Head(no. of heads-1)
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
Number of Sectors
Feature(1)
X
Initialize Drive Parameters
This command enables the host to set the number of sectors per track and the number of heads per cylinder. Only
the Sector Count and the Card/Drive/Head registers are used by this command.
Read Buffer – E4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com