Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317HREER Datasheet(PDF) 26 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 26 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 22Page - Texas Instruments DRV8317HREER Datasheet HTML 23Page - Texas Instruments DRV8317HREER Datasheet HTML 24Page - Texas Instruments DRV8317HREER Datasheet HTML 25Page - Texas Instruments DRV8317HREER Datasheet HTML 26Page - Texas Instruments DRV8317HREER Datasheet HTML 27Page - Texas Instruments DRV8317HREER Datasheet HTML 28Page - Texas Instruments DRV8317HREER Datasheet HTML 29Page - Texas Instruments DRV8317HREER Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
8.3.9.3 Open Drain Pin
Figure 8-16 shows the structure of the open-drain output pin nFAULT. The open-drain output requires an external
pullup resistor to a logic voltage supply to function properly.
AVDD
Inactive
OUTPUT
No Fault
STATE
Pulled-Up
STATUS
Fault
Pulled-Down
Active
RPU
ESD
Figure 8-16. Open Drain Output Pin Structure
8.3.9.4 Push Pull Pin
Figure 8-17 shows the structure of the push-pull pin SDO.
AVDD
VOH
STATE
Pulled-Up
STATUS
VOL
Pulled-Down
Logic High
OUTPUT
Logic Low
ESD
Hi-Z
Open
Hi-Z
Figure 8-17. Push-Pull Output Pin Structure
8.3.9.5 Four Level Input Pin
Figure 8-18 shows the structure of the four level input pins GAIN, MODE and SLEW on hardware interface
devices. The input can be set by tying the pin to AGND or AVDD, leaving the pin unconnected, or connecting an
external resistor from the pin to ground.
Setting-1
CONTROL
Setting-2
Setting-3
Setting-4
+
–
+
–
+
–
VL1
STATE
Tied to AGND
RESISTANCE
VL2
47 k
±5%
to AGND
VL3
Hi-Z
VL4
Tied to AVDD
AVDD
RPU
RPD
AVDD
Figure 8-18. Four Level Input Pin Structure
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com